Electronic Components Datasheet Search
  English  ▼

X  

CMPTA96 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA96
Description  SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA96 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA96_15 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA96_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTA96
SURFACE MOUNT
EXTREMELY HIGH VOLTAGE
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA96 type
is a surface mount epoxy molded PNP silicon planar
epitaxial transistor designed for extremely high voltage
applications.
MARKING CODE: C96
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
450
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=400V
100
nA
IEBO
VBE=4.0V
100
nA
BVCBO
IC=100µA
450
500
V
BVCEO
IC=1.0mA
450
490
V
BVEBO
IE=10µA
6.0
9.7
V
VCE(SAT)
IC=1.0mA, IB=0.1mA
0.20
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.30
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.15
0.50
V
VBE(SAT)
IC=10mA, IB=1.0mA
1.0
V
hFE
VCE=10V, IC=1.0mA
40
hFE
VCE=10V, IC=10mA
50
120
200
hFE
VCE=10V, IC=50mA
45
hFE
VCE=10V, IC=100mA
25
35
fT
VCE=10V, IC=10mA, f=10MHz
20
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
7.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
130
pF
R3 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPTA96_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA96 CENTRAL-CMPTA96_10 Datasheet
328Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
More results

Similar Description - CMPTA96_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA96 CENTRAL-CMPTA96 Datasheet
100Kb / 2P
SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CZTA46 CENTRAL-CZTA46 Datasheet
107Kb / 2P
SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CZTA96 CENTRAL-CZTA96 Datasheet
107Kb / 2P
SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CMLTA94 CENTRAL-CMLTA94 Datasheet
97Kb / 2P
SURFACE MOUNT PICOmini EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CMLTA94 CENTRAL-CMLTA94_10 Datasheet
511Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA96 CENTRAL-CMPTA96_10 Datasheet
328Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CZTA96 CENTRAL-CZTA96_10 Datasheet
533Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA44 CENTRAL-CMPTA44_10 Datasheet
327Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CMPTA46 CENTRAL-CMPTA46_10 Datasheet
328Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CZTA96 CENTRAL-CZTA96_15 Datasheet
533Kb / 2P
EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com