Electronic Components Datasheet Search
  English  ▼

X  

AM-147PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM-147PIN
Description  High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-147PIN Datasheet(HTML) 3 Page - Tyco Electronics

  AM-147PIN Datasheet HTML 1Page - Tyco Electronics AM-147PIN Datasheet HTML 2Page - Tyco Electronics AM-147PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-/AMC-147
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
Noise Figure
3
Ordering Information
4. Mounting kit part number AU00071 required for PCB
applications.
Part Number
Package
AM-147 PIN
4
TO-8-1
AMC-147 SMA
Connectorized
1 dB Compression
Intermodulation Intercept
Gain vs. Frequency
VSWR vs. Frequency
18
19
20
21
22
3
5
10
20
50
100
300
500
700
900
Frequency (MHz)
15
16
17
18
3
5
10
20
50
100
300
500
700
900
Frequency (MHz)
85°C
25°C
-55°C
1.0
1.5
2.0
2.5
3
5
10
20
50
100
300
500
700
900
Frequency (MHz)
RF IN
RF OUT
1
2
3
4
5
3
5
10
20
50
100
300
500
700
900
Frequency (MHz)
+85°C
+25°C
30
40
50
60
3
5
10
20
50
100
300
400
500
700
900
Frequency (MHz)
IP2 (f1+f2)
IP2 (f1-f2)
IP3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com