Electronic Components Datasheet Search
  English  ▼

X  

AM50-0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0002
Description  Low Noise Amplifier 1.575 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002 Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0002 Datasheet HTML 1Page - Tyco Electronics AM50-0002 Datasheet HTML 2Page - Tyco Electronics AM50-0002 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V 2.00
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Channel Temperature2
+150°C
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
1. Operation of this device outside these limits may cause
permanent damage.
2. Typical thermal resistance ( jc) = +165°C/W
Low Noise Amplifier
AM50-0002
Typical Performance
Functional Diagram
RF OUT, VDD
GND
GND
GND
GND
GND
GND
RF IN
T1
T2
FREQUENCY (GHz)
FREQUENCY (GHz)
GAIN vs FREQUENCY, TA = +25°C
NOISE FIGURE vs FREQUENCY, TA = +25°C
Recommended PCB Configuration
Frequency = 1.575 GHz
Impedance
Electrical Length
T1
57.2
Ω
36.0°
T2
82.7
Ω
16.2°
3. Pins 1, 3, 4, 5, 7 and 8 must be RF and DC grounded as shown.
4. Pin 2 is the RF input and must be connected to the simple matching
network shown.
5. Pin 6 is the RF output. VDD is also applied on pin 6.
0.030
(0.76)
2X R 0.025 (0.64)
PLATED THRU
12 X R 0.008 (0.20)
PLATED THRU
0.024
(0.61)
0.060
(1.52)
0.109
(2.77)
0.060
(1.52)
0.172
(4.37)
0.244
(6.20)
0.072
(1.83)
0.112
(2.84) 0.245
(6.22)
RF IN
RF OUT
Dimensions in inches (mm)
FR-4 circuit board, thickness = 0.016 inches (0.41)
28
26
24
22
20
1.3
1.4
1.5
1.6
1.7
1.8
5 V
3 V
1.4
1.3
1.2
1.1
1.0
1.50
1.52
1.54
1.56
1.58
1.60
3 V
5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com