Electronic Components Datasheet Search
  English  ▼

X  

XML-385-SD Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # XML-385-SD
Description  UV LED Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

XML-385-SD Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  XML-385-SD Datasheet HTML 1Page - Roithner LaserTechnik GmbH XML-385-SD Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29.10.2012
XML-385-SD
2 of 2
Spectrum (Ta=25°C, IF=300 mA)
Directive Characteristics (Ta=25°C)
Precaution for Use
1.
Cautions
•
This device is a UV LED, which radiates intense UV light during operation.
•
DO NOT look directly into the UV light or look through the optical system. To prevent inadequate
exposure of UV radiation, wearing UV protective glasses is recommended
2.
Static Electricity
•
The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended that a wrist
band or an anti-electrostatic glove be used when handling the LEDs.
•
All devices, equipment and machinery must be grounded properly. It is recommended that precautions
should be taken against surge voltage to the equipment that mounts the LEDs.
3.
Heat Generation
•
Thermal design of the end product is of paramount importance. Please consider the heat generation of
the LED when making the system design. The coefficient of temperature increase per input electric
power is affected by the thermal resistance of the circuit board and density of LED placement on the
board, as well as other components. It is necessary to avoid intense heat generation and operate
within the maximum ratings given in the specification.
•
The operating current should be considered taking into account the environmental temperature and
the capacity of the cooling solution



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com