Electronic Components Datasheet Search
  English  ▼

X  

AM52-0001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM52-0001
Description  1.2 W High Efficiency Power Amplifier 800 - 960 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM52-0001 Datasheet(HTML) 2 Page - Tyco Electronics

  AM52-0001 Datasheet HTML 1Page - Tyco Electronics AM52-0001 Datasheet HTML 2Page - Tyco Electronics AM52-0001 Datasheet HTML 3Page - Tyco Electronics AM52-0001 Datasheet HTML 4Page - Tyco Electronics AM52-0001 Datasheet HTML 5Page - Tyco Electronics AM52-0001 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.2 W High Efficiency Power Amplifier
AM52-0001
V1.00
Specifications Subject to Change Without Notice.
2
M/A-COM Inc.
North America: Tel. (800) 366-2266
♦ Asia/Pacific: Tel. +81 3 3226-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3226-8769
Fax +44 (1344) 300 020
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power
2
+23 dBm
Operating Voltage
2
VDD = + 10 Volts
VGG = - 6 Volts
Junction Temperature
3
+150
°C
Storage Temperature
-65
°C to +150 °C
Operating Temperature
-40
°C to +85 °C
1. Exceeding any one or combination of these limits may cause
permanent damage.
2. Ambient Temperature (TA) = + 25
°C
3. See temperature derating curve.
Pin Configuration
Pin No.
Pin Name
Description
1VG1
Negative supply voltage, First stage
2
RF IN
RF Input of the amplifier
3
GND
DC and RF Ground
4VD1
Positive supply voltage, First stage
5VG2
Negative supply voltage, First stage
6
GND
DC and RF Ground
7
RF OUT
RF Output of the amplifier
8VD2
Positive supply voltage, Second stage
9
Puck
DC and RF Ground
Recommended PCB Configuration
Layout View (AMPS 824-849 MHz)
0.47" (T1)
0.25" (T2)
C9
C8
C1
C6
C10
C3
C7
C11
C2
C4
C5
Functional Block Diagram
(AMPS 824-849 MHz)
1
2
4
3
8
7
5
6
C1
C2
C3
C4
C5
C6
C7
C8
C9
C1 1
RF O U T
RF IN
VD1
VD2
VG 2
VG 1
C1 0
T1
T2
9
External Circuitry Parts List
(AMPS 824-849 MHz)
Part
Value
Purpose
C1 - C3
220 pF
By-Pass
C4 - C7
0.1 uF
By-Pass
C8
8 pF
Power Tuning
C9, C10
56 pF
DC Block
C11
1.0 uF
By-Pass
T1
0.470”
Matching Transmission
T2
0.250”
Lines (50
Ω)
1.) The recommended layout is specifically for the AMPS application. It
shows EIA code size 0603 standard SMT capacitors with the exception of
C11 which is a EIA code size 3528
2.) The location of C9, C10 and C11 is not critical to the performance of
the amplifier.
Cross Section View
RF Traces + Components
RF Ground
DC Routing
Customer Defined
The PCB dielectric between RF traces and RF ground layers should
be chosen to reduce RF discontinuities between 50
Ω lines and
package pins. M/A-COM recommends an FR-4 dielectric thickness
of 0.008”(0.2 mm) yielding a 50
Ω line width of 0.015”(0.38 mm).
The recommended metalization thickness is 1 oz. copper and ground
metalization thickness is 2 oz..
Shaded traces are vias to DC
Routing layer and traces on DC Routing layer.
Biasing Procedure
The AM52-0001 requires that VGG bias be applied prior to ANY
VDD bias. Permanent damage will occur if this procedure is not
followed. All FETs in the PA will draw IDSS and damage internal
circuitry. Resistance added in seiries with Vg1 and Vg2 may degrade
performance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com