Electronic Components Datasheet Search
  English  ▼

X  

AM500006V2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM500006V2
Description  Low Noise Amplifier 1400 - 2000 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM500006V2 Datasheet(HTML) 2 Page - Tyco Electronics

  AM500006V2 Datasheet HTML 1Page - Tyco Electronics AM500006V2 Datasheet HTML 2Page - Tyco Electronics AM500006V2 Datasheet HTML 3Page - Tyco Electronics AM500006V2 Datasheet HTML 4Page - Tyco Electronics AM500006V2 Datasheet HTML 5Page - Tyco Electronics AM500006V2 Datasheet HTML 6Page - Tyco Electronics AM500006V2 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low Noise Amplifier
AM50-0006
V2.00
Specifications Subject to Change Without Notice.
2
M/A-COM, Inc.
North America: Tel. (800) 366-2266
♦ Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
V,,
+10 VDC
Input Power
+17 dBm
Current
30 mA
Channel Temperature!
+150°C
Operating Temperature
-40°Cto+85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may
cause permanent damage.
2. When pin #2 is used to increase current. (See note 5.)
3. Thermal resistance (θjc) = +150°C/W.
Functional Block Diagram For
1700-2000 MHz Operation
VDD
RF IN
RF OUT
C1
L1
L2
C2
R1 (See note 5)
3
4
6
1,5
C3
TRL
Γin
Recommended PCB Configuration For
1700-2000 MHz Operation
Layout View
PIN # 1
RF OUT
VDD
RF IN
U1
L2
C2
TRL
C1
L1
C3
R1
Pin Configuration
Pin No.
Pin Name Description
1
GND
RF and DC Ground
2
Rext
Cext
External Current Control
By-Pass Capacitor
3
IN
RF Input of the Amplifier
4V,,
Positive Supply Voltage
5
GND
RF and DC Ground
6
OUT
RF Output of the Amplifier
Input Reflection Coefficient
1700-2000 MHz Operation
Freq.
1700 MHz
1850 MHz
2000 MHz
Γin (mag)
0.699
0.674
0.649
Γin (ang)
48.47 °
38.68 °
29.27 °
External Circuitry Parts List For
1700-2000 MHz Operation 4
Part
Value
Purpose
C1
47 pF
DC Block
C2
470 pF
By-Pass
L1
2.7 nH
Tuning
L2
22 nH
RF Choke
R1
See Note 5
Current control
C3
470 pF
By-Pass
4. All external circuitry parts are readily available, low cost
surface mount components (.060 in. x .030 in. or .080 in. x
.050 in.).
5. Pin 2 allows use of an external resistor to ground for optional,
higher current.
For I,, ~ 5 mA, R1 = 150 ohms;
I,, ~ 6.5 mA, R1 = 120 ohms;
I,, ~ 20 mA, R1 = 27 ohms.
Cross Section View
RF Traces + Components
RF Ground
DC Routing
Customer Defined
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ω
lines and package pins. M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.20 mm) yielding a 50 Ω line
width of 0.015” (0.38 mm). The recommended RF metalization
is 1 ounce copper.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com