Electronic Components Datasheet Search
  English  ▼

X  

AT-108 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT-108
Description  Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-108 Datasheet(HTML) 1 Page - Tyco Electronics

  AT-108 Datasheet HTML 1Page - Tyco Electronics AT-108 Datasheet HTML 2Page - Tyco Electronics AT-108 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Single Positive Voltage Control 0 to +5 Volts
• 40 dB Attenuation Range at 900 MHZ GHz
• ± 2 dB Linearity from BSL
• Low DC Power Consumption
• Low-Cost SOIC-8 Plastic Package
• Tape and Reel Packaging Available
SOIC-8
1
Electrical Specifications: TA = 25°C
1====
Description
M/A-COM’s AT-108 is a GaAs, MESFET MMIC voltage
variable absorptive attenuator in a low cost SOIC-8 lead surface
mount plastic package. The AT-108 is ideally suited for use
where linear attenuation fine tuning and very low power
consumption are required. Typical applications include radio,
cellular, GPS equipment and automatic gain/level control
circuits.
The AT-108 is fabricated with a monolithic GaAs MMIC using
a mature 1-micron process.
The process features full chip
passivation for increased performance and reliability.
Ordering Information
Part Number
Package
AT-108
SOIC-8 Lead Plastic Package
AT-108TR
Forward Tape and Reel
1
AT-108RTR
Reverse Tape and Reel
1
Parameter
Test Conditions
1
Units
Min.
Typ.
Max.
Insertion Loss
0.5 - 1.0 GHz
dB
2.5
2.7
1.0 - 3.0 GHz
dB
3.2
3.5
Attenuation
0.5 - 1.0 GHz
dB
40
1.0 - 2.0 GHz
dB
35
2.0 - 3.0 GHz
dB
28
Flatness
0.5 - 1.0 GHz
dB
±0.5
±0.8
(Peak-to-Peak)
1.0 - 2.0 GHz
dB
±1.2
±1.5
2.0 - 3.0 GHz
dB
±1.5
±1.8
VSWR
0.5 - 3.0 GHz
2:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µs
15
Ton, Toff
50% Control to 90% RF, Control to 10% RF
µs
25
Transients
In-band
mV
12
1.
All measurements in a 50
Ω system.
1. If specific reel size is required, consult factory for part number
assignment.
(.19/.25)
CHAMFER
(OPTIONAL
)
(0.40/1.27)
.016/.050
0°/80°
-B-
BSC.
-C-
-A-
.010(.25)
C A
B
M
M
S
.050(1.27)
Oreintation
Mark
.1497/.1574
(3.80/4.00)
M
M B
.010(.25)
.2284/.2440
(5.80/6.20)
.0532/.0688
(1.35/1.75)
.004(0.10)
.0075/.0098
PIN 8
PIN 1
.013/.020 (8
PL)
(.33/.51)
.0040/.0098
(.10/.25)
.1890/.1968
(4.80/5.00)
1. Dimensions are in inches/mm.
AT-108
Voltage Variable Absorptive Attenuator
Voltage Variable Absorptive Attenuator
Voltage Variable Absorptive Attenuator
Voltage Variable Absorptive Attenuator
40 dB, 0.5
40 dB, 0.5
40 dB, 0.5
40 dB, 0.5—
—
—
—3.0 GHz
3.0 GHz
3.0 GHz
3.0 GHz
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 4.0


Similar Part No. - AT-108

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-108 HIROSE-AT-108 Datasheet
64Kb / 3P
Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
203Kb / 4P
Voltage Variable Absorptive Attenuator, 40dB 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
AT-108SMB MA-COM-AT-108SMB Datasheet
120Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
logo
Tyco Electronics
AT-108TR MACOM-AT-108TR Datasheet
203Kb / 4P
Voltage Variable Absorptive Attenuator, 40dB 0.5 - 3.0 GHz
More results

Similar Description - AT-108

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
AT-108 MACOM-AT-108_1 Datasheet
203Kb / 4P
Voltage Variable Absorptive Attenuator, 40dB 0.5 - 3.0 GHz
MAAVSS0007 MACOM-MAAVSS0007 Datasheet
206Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
AT-113 MA-COM-AT-113 Datasheet
80Kb / 4P
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
MAAVSS0007 MA-COM-MAAVSS0007 Datasheet
123Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com