Electronic Components Datasheet Search
  English  ▼

X  

AT-110 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-110
Description  Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-110 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-110 Datasheet HTML 1Page - Tyco Electronics AT-110 Datasheet HTML 2Page - Tyco Electronics AT-110 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V 2.00
Parameter
Absolute Maximum
Maximum Input Power
+21 dBm
Supply Voltage VCC
-1 V, +8 V
Control Voltage VC
-1 V, VCC +0.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 1
Functional Schematic
1. Operation of this device above any one of these parameters may
cause permanent damage.
VCC = +5 VDC ± 0.5 VDC @ 300 µA max.
VC = 0 VDC to +5 VDC @ 6 mA max.
External DC blocking capacitors are required on all RF ports.
Typical Performance
RELATIVE ATTENUATION vs CONTROL VOLTAGE
@ +25°C, F = 1800 MHz
0
-5
-10
-15
-20
-25
-30
-35
5
4
3
2
1
0
CONTROL VOLTAGE (VOLTS)
ATTENUATION vs CONTROL VOLTAGE
@ +25°C, F = 900 MHz
0
-10
-20
-30
-40
5
4
3
2
1
0
CONTROL VOLTAGE (VOLTS)
INSERTION LOSS vs FREQUENCY
4.0
3.0
2.0
1.0
0
0.5
1.0
1.5
2.0
FREQUENCY (GHz)
ATTENUATION vs TEMPERATURE,
NORMALIZED TO +25°C, F = 900 MHz
3
2
1
0
-1
-2
-3
5
4
3
2
1
0
CONTROL VOLTAGE (VOLTS)
-40°C
+85°C
Voltage Variable Absorptive Attenuator, 30 dB
AT-110



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com