Electronic Components Datasheet Search
  English  ▼

X  

AT-113 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT-113
Description  3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-113 Datasheet(HTML) 3 Page - Tyco Electronics

  AT-113 Datasheet HTML 1Page - Tyco Electronics AT-113 Datasheet HTML 2Page - Tyco Electronics AT-113 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 3.0
0
5
10
15
20
25
30
35
32.6
2.2
1.8
1.41
0.6
0.2
CONTROL VOLTAGE (volts)
900 MHz
400 MHz
-5
0
5
10
15
20
25
0
0.4
0.8
1.2
1.6
2
2.4
2.8
CONTROL VOLTAGE (volts)
400 MHz
900 MHz
-30
-25
-20
-15
-10
-5
0
00.4
0.8
1.2
1.62
2.4
2.8
FR EQ UEN C Y (G Hz)
S11
S22
Typical Performance Curves (Cont’d)
Return Loss vs. Control Voltage @ +25°C,
f = 900 MHz
1 dB Compression vs. Control Voltage
@ +25°C, f = 900 MHz
IP3 vs. Control Voltage
3 Volt Voltage Variable Absorptive Attenuator, 40 dB, 0.5 - 2.0 GHz
AT-113
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com