Electronic Components Datasheet Search
  English  ▼

X  

SCS421DS Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SCS421DS
Description  Plastic-Encapsulate Diodes FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SCS421DS Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SCS421DS Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SCS421DS Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SCS421DS Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SCS421DS Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOD-523 Plastic-Encapsulate Diodes
FAST SWITCHING DIODE
FEATURES
Small Package
Low Reverse Current
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
MAXIMUM RATINGS ( Ta=25
℃ unless otherwise noted )
Symbol
Parameter
Value
Unit
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
75
V
VR(RMS)
RMS Reverse Voltage
53
V
IO
Average Rectified Output Current
250
mA
Peak Forward Surge Current @t=1μs
4
A
IFSM
Peak Forward Surge Current @t=1s
0.5
A
PD
Power Dissipation
200
mW
RΘJA
Thermal Resistance from Junction to Ambient
625
℃/W
Tj
Junction Temperature
150
℃
Tstg
Operating/Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
75
V
VR=25V
30
nA
Reverse current
IR
VR=75V
1
μ
A
IF=1mA
0.715
V
IF=10mA
0.855
V
IF=50mA
1
V
Forward voltage
VF
IF=150mA
1.25
V
Total capacitance
Ctot
VR=0V,f=1MHz
1
pF
Reverse recovery time
trr
IF= IR =10mA, Irr=0.1*IR,RL=100Ω
4
ns
SOD-523
WILLAS
2013-06
WILLAS ELECTRONIC CORP.
Pb free product for packing code suffix "G",
Halogen free product for packing code suffix "H"
MARKING:
61 or 6
BAS516T1
Moisture Sensitivity Level 1


Similar Part No. - SCS421DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS421D SECOS-SCS421D Datasheet
529Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SCS421D SECOS-SCS421D Datasheet
113Kb / 1P
Surface Mount Schottky Barrier Rectifiers
SCS421D SECOS-SCS421D_11 Datasheet
113Kb / 1P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS421DS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAW56 TSC-BAW56 Datasheet
788Kb / 2P
Plastic-Encapsulate Switching Diodes
logo
Tiger Electronic Co.,Lt...
BAV70LT1 TGS-BAV70LT1 Datasheet
369Kb / 2P
SOT-23 Plastic-Encapsulate Diodes (SWITCHING DIODE)
logo
SeCoS Halbleitertechnol...
BAV199DW SECOS-BAV199DW Datasheet
104Kb / 1P
Switching Diode Plastic-Encapsulate Diode
MMSD914 SECOS-MMSD914_15 Datasheet
165Kb / 2P
Plastic-Encapsulate Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400WB WILLAS-1SS400WB Datasheet
501Kb / 3P
SWITCHING DIODE WBFBP-02C Plastic-Encapsulate Diodes
BAS70 WILLAS-BAS70 Datasheet
719Kb / 6P
Plastic-Encapsulate Switching Diodes
logo
SeCoS Halbleitertechnol...
MMSD914 SECOS-MMSD914 Datasheet
165Kb / 2P
Plastic-Encapsulate Switching Diodes
BAV70DW SECOS-BAV70DW Datasheet
257Kb / 2P
Switching Diode Plastic-Encapsulate Diode
logo
Dongguan City Niuhang E...
MMBD4148 NIUHANG-MMBD4148 Datasheet
212Kb / 3P
PLASTIC-ENCAPSULATE SWITCHING DIODE
logo
Shenzhen Luguang Electr...
MMBD3004 LUGUANG-MMBD3004 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Diodes SWITCHING DIODE
Revision:20170701-P1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com