Electronic Components Datasheet Search
  English  ▼

X  

SCS500V Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # SCS500V
Description  0.1A Surface Mount Schokky Diode-40V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SCS500V Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  SCS500V Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SCS500V Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SCS500V Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SCS500V Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SOD-323
1/6
2012-11
WILLAS ELECTRONIC CORP.
.075(1.90)
.059(1.50)
.091(2.30)
.106(2.70)
.010(0.25)MIN.
.008(0.20)
.043(1.10)
.031(0.80)
.004(0.10)MAX.
.010(0.25)
.016(0.40)
.004(0.10)
0.1 A Surface Mount Schokky Diode - 40 V
SCS500V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com