Electronic Components Datasheet Search
  English  ▼

X  

MP588-L Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MP588-L
Description  5e UTP Modular Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP588-L Datasheet(HTML) 1 Page - PANDUIT CORP.

  MP588-L Datasheet HTML 1Page - PANDUIT CORP. MP588-L Datasheet HTML 2Page - PANDUIT CORP. MP588-L Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.panduit.com
IEC compliance:
IEC 60603-7
RoHS compliance:
Compliant
UL listed:
UL 1863
CSA listed:
CSA Standard C22.2
Conductor
Compatible most with 24-26 AWG solid or stranded cable with conductor
termination:
insulation diameters between 0.035 to 0.040 in.
Operating temperature:
14°F to 140°F (-10°C to 60°C)
Storage temperature:
-40°F to 158°F (-40°C to 70°C)
Plug Housing:
UL94V-0 rated clear Polycarbonate
Contacts:
Gold plated phosphor bronze
key features and benefits
technical information
specifications
Category 5e/Class D, 8-position, 8-wire, UTP modular plug
shall terminate most 4-pair, 24-26 AWG, 100 ohm, solid or
stranded, unshielded twisted pair cable with maximum
conductor insulation diameter of 0.040 in. (1.02mm). Simplified
termination method shall require no load bar. Guide ramp shall
facilitate easy conductor insertion and termination. Modular
plug shall terminate to T568A and T568B wiring schemes.
Patented
Prevents snags and provides easy release, saving time and
tangle-free latch
providing reliability on frequent moves, adds, and changes
Robust construction
Rated to 2500 mating cycles
Category 5e UTP Modular Plug
Category 5e UTP Modular Plug
50/pack:
MP588-L
100/pack:
MP588-C
1000/pack:
MP588-M
Tools and Accessories
Crimp tool:
MPT5-8AS
Wire prep tool:
WPT-8
Standard RJ45
plug lock-in device:
PSL-DCPLX^
Recessed RJ45
plug lock-in device:
PSL-DCPLRX^
^For colors other than Red, add suffix
-BL (Black), -BU (Blue), -GR (Green), -YL (Yellow),
-OR (Orange), IW (International White), or -IG
(International Gray) to the end of the
part number.
10/package. Add -C for bulk packages of 100.
SPECIFICA TION SHEET


Similar Part No. - MP588-L

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MP5 MERCURY-MP5 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
Coherent Corp
MP5-LENSES COHERENT-MP5-LENSES Datasheet
365Kb / 2P
Ultra-Low Absorption for High-Power CO2 Lasers
logo
Riedon Powertron
MP50 RIEDON-MP50 Datasheet
241Kb / 1P
Film Resistors
logo
CHENG-YI ELECTRONIC CO....
MP50 CHENG-YI-MP50 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
12V, 5A Programmable Current Limit Switch
More results

Similar Description - MP588-L

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1225024-25 QUALTEK-1225024-25 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225025-01 QUALTEK-1225025-01 Datasheet
429Kb / 1P
CAT 5e UTP 8P8C
1225034-07 QUALTEK-1225034-07 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225037-10 QUALTEK-1225037-10 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225043-20 QUALTEK-1225043-20 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
logo
PANDUIT CORP.
MP528-L PANDUIT-MP528-L Datasheet
187Kb / 3P
28 AWG UTP Modular Plug
MP530-C PANDUIT-MP530-C Datasheet
191Kb / 1P
PAN-PLUG CATEGORY 5E 30 AWG UTP MODULAR PLUG WITH BOOT
logo
Hubbell Incorporated.
PREMISE_C5ERPY HUBBELL-PREMISE_C5ERPY Datasheet
562Kb / 1P
Category 5e UTP Cable
PREMISE_C5ERPGY HUBBELL-PREMISE_C5ERPGY Datasheet
578Kb / 1P
Category 5e UTP Cable
PREMISE_C5ERPB HUBBELL-PREMISE_C5ERPB Datasheet
600Kb / 1P
Category 5e UTP Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com