Electronic Components Datasheet Search
  English  ▼

X  

MEHT187 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MEHT187
Description  Aluminum Marker Plates ??Pan-Alum??MMP Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MEHT187 Datasheet(HTML) 1 Page - PANDUIT CORP.

  MEHT187 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Aluminum Marker Plates – Pan-Alum ™ MMP Series
• Lightweight, aluminum construction for flexibility and ease
of handling
• Five color options in addition to natural aluminum provide quick
visual identification, ideal for applications requiring color-coding
• Easy feed marker plate design includes a raised slot to simplify
cable tie installation and improve productivity
*See Pan-Alum ™ Aluminum Ties on page B3.10 for matching natural finish and five colors.
**See page, E4.2 for Panduit Factory Custom Marking Service.
Metal Embossing Hand Tool and Tape System
• New multi-functional cutting die design creates embossed marker
plates with raised cable tie slot in one step instead of three, for
faster installation
• Lightweight, compact and portable, allows user to create custom
length identification on demand at remote job sites
• Embosses 3/16" characters onto stainless steel or aluminum
tape, to improve visibility in applications that are subjected to
dirt or paint
*Aluminum ties are recommended for use with aluminum tape to prevent galvanic reaction (corrosion that can
occur between stainless steel and aluminum in certain environments).
Part Number
Material
Color
Custom Marking
Parameters**
Used with
Pan-Alum ™
Cable Ties
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Length
Width
Max. 3/16"
(4.77mm)
Characters
per Line
Max.
Lines
In.
mm
In.
mm
MMP350H-CALBU
Anodized
Aluminum
Blue
3.50
89.0
0.75
19.0
20
3
MLT1H-LPAL*
MLT2H-LPAL*
and
MLT4H-LPAL*
100
1000
MMP350H-CALGR
Green
100
1000
MMP350H-CALRD
Red
100
1000
MMP350H-CALBL
Black
100
1000
MMP350H-CALYL
Yellow
100
1000
MMP350H-CAL
Aluminum
Natural
100
1000
Part Number
Part Description
Std.
Pkg.
Qty.
Tool Kit
MEHT187
Includes tool, additional marking wheel, carrying case, one roll each
META (aluminum) and METS (stainless steel) tape.
Characters included: A B C D E F G H I J K L M N O P Q R S T U V W X
Y Z 1 2 3 4 5 6 7 8 9 / ( )
1
Tape
META-X
.50" x 16' (12.7mm x 4.9m) aluminum tape*.
10
METS3-X
.50" x 21' (12.7mm x 6.4m) 316 grade stainless steel tape.
10
METS4-X
.50" x 21' (12.7mm x 6.4m) 304 grade stainless steel tape.
10


Similar Part No. - MEHT187

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MEHT187 PANDUIT-MEHT187 Datasheet
1Mb / 17P
Identification Solutions for Harsh Environments
05/2022
MEHT187 PANDUIT-MEHT187 Datasheet
1Mb / 8P
Panduit Permanent Identification System
10/2017
More results

Similar Description - MEHT187

ManufacturerPart #DatasheetDescription
logo
Dubilier
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
logo
CONEC Elektronische Bau...
160X01879A CONEC-160X01879A Datasheet
59Kb / 1P
COVER PLATES
logo
PANDUIT CORP.
PLM1M-M PANDUIT-PLM1M-M Datasheet
51Kb / 1P
PAN-TY MARKER PLM SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
PAN-TY CABLE TIE PLT SERIES
logo
Fair-Rite Products Corp...
2644246201 FAIR-RITE-2644246201 Datasheet
596Kb / 2P
Connector EMI Suppression Plates
2644247001 FAIR-RITE-2644247001 Datasheet
595Kb / 2P
Connector EMI Suppression Plates
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
logo
Hubbell Incorporated.
BURNDY_YA31A2NG3 HUBBELL-BURNDY_YA31A2NG3 Datasheet
259Kb / 2P
ALUM COMPRESSION TERMINA
BURNDY_YA30A2NG1TN HUBBELL-BURNDY_YA30A2NG1TN Datasheet
260Kb / 2P
ALUM. LUG - 300 MCM-NEMA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com