Electronic Components Datasheet Search
  English  ▼

X  

PSL-BV2 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PSL-BV2
Description  Ball Valve Lockout Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-BV2 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PSL-BV2 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Multiple Lockout Device
• Device can be used alone as a lockout hasp or with provided
0.19 inches (4.8mm) diameter cable to lockout electrical
disconnects, gate valves, or large cumbersome devices
• Compact and easy to install
• Constructed of rugged polycarbonate and stainless steel providing
strength, durability, added security and corrosion resistance
Pneumatic Energy Lockout Device
• Pneumatic energy devices can be locked out quickly and easily
without costly tool modifications or inconvenient in-line valves
• When installed on the male pneumatic fitting, prevents the ability to
engage into the female fitting
• Universal compact design makes the pneumatic lockout device
easy to transport and install on almost any fitting, even in
tight spaces
• Rugged stainless steel construction offers superior strength,
durability, added security and corrosion resistance
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-PEL
Pneumatic energy lockout device, 3.50" (88.9mm) diameter x 0.10"
(2.54mm) thick.
120
Lockout single or multiple
electrical disconnects
Lockout gate valves
Immobilize large or
cumbersome devices,
such as forklifts
Ball Valve Lockout Devices
• Ball valves regulating hydraulic, pneumatic, and chemical energy
can be locked out quickly and easily
• Accommodates valve diameters ranging from .25 inches (6.35mm)
to 3.00 inches (76.20mm)
• Constructed of rugged polypropylene providing strength, durability,
and added security
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-BV1
Ball valve lockout, accommodates .25" – 1.00" valve pipe diameter.
1
10
PSL-BV2
Ball valve lockout, accommodates 1.25" – 3.00" valve
pipe diameter.
110
PSL-BV3
Ball valve lockout, accommodates 2.00" – 8.00" valve
pipe diameter.
110
PSL-BFV
Butterfly valve lockout, accommodates most butterfly valve handles.
1
10
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-MLD
Multiple lockout device; includes lockout hasp and 6.0' (1.8m) vinyl
coated galvanized steel cable with loophole.
120
PSL-MLDH-X
Multiple lockout device (hasp only).
10
—
PSL-MLDC
6.0' (1.8m) vinyl coated galvanized steel cable with loophole
(cable only).
15
PSL-MLDC200
200.0' (61.0m) vinyl coated galvanized steel cable on roll without
loophole (cable only).
1—
PSL-MLDCT
6.0' (1.8m) nylon coated high temperature rating galvanized steel
cable with loophole (cable only).
1—
PSL-MLD-CRIMP Additional crimps for creating cable loopholes.
10
20
PSL-MLD-TOOL
Tool for installing crimps on custom-length cables using the
PSL-MDLC200.
16


Similar Part No. - PSL-BV2

ManufacturerPart #DatasheetDescription
logo
Power Sonic Corporation
PSL-BTC-12120 POWER-SONIC-PSL-BTC-12120 Datasheet
848Kb / 2P
Rechargeable Lithium Battery
PSL-BTC-1290 POWER-SONIC-PSL-BTC-1290 Datasheet
902Kb / 2P
Rechargeable Lithium Battery
PSL-BTP POWER-SONIC-PSL-BTP Datasheet
900Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-121000 POWER-SONIC-PSL-BTP-121000 Datasheet
900Kb / 2P
Rechargeable Lithium Battery
PSL-BTP-121250 POWER-SONIC-PSL-BTP-121250 Datasheet
912Kb / 2P
Rechargeable Lithium Battery
More results

Similar Description - PSL-BV2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153484 FESTO-153484 Datasheet
95Kb / 2P
Ball valve
4/15/22
153487 FESTO-153487 Datasheet
87Kb / 2P
Ball valve
4/15/22
8089038 FESTO-8089038 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089045 FESTO-8089045 Datasheet
96Kb / 2P
Ball valve
6/30/22
8089056 FESTO-8089056 Datasheet
87Kb / 2P
Ball valve
6/30/22
8096667 FESTO-8096667 Datasheet
85Kb / 2P
Ball valve
6/30/22
4745221 FESTO-4745221 Datasheet
82Kb / 2P
Ball valve
7/1/22
4745225 FESTO-4745225 Datasheet
82Kb / 2P
Ball valve
7/1/22
4834288 FESTO-4834288 Datasheet
99Kb / 2P
Ball valve
7/1/22
4834293 FESTO-4834293 Datasheet
100Kb / 2P
Ball valve
7/1/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com