Electronic Components Datasheet Search
  English  ▼

X  

PSL-CB Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PSL-CB
Description  No Tool Circuit Breaker Lockout Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-CB Datasheet(HTML) 1 Page - PANDUIT CORP.

  PSL-CB Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
“No Tool” Circuit Breaker Lockout Devices
• Individual circuit breaker can be locked in the off position quickly
and easily without any tools
• Compact, universal design fits a wide range of single, double, and
triple handle circuit breakers
• Accommodates breaker handle sizes ranging from .30 – .60 inches
(7.62mm – 15.24mm) tall and .16 – .35 inches (4.06mm x 8.89mm) thick
• Easily attached with no modifications to panel or circuit breaker
and does not require holes in circuit breaker handle
• Constructed of rugged nylon and stainless steel providing strength,
durability, added security and corrosion resistance
^I-LINE is a registered trademark of Square D Company.
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-CBNT
“No Tool” universal circuit breaker lockout.
1
10
PSL-CBILNT
“No Tool” circuit breaker lockout for use with Square D
I-LINE^/Federal Pacific (FPE) circuit breakers.
110
Circuit Breaker Lockout Devices
• Individual circuit breakers can be locked in the off position quickly
and easily
• Compact, universal design fits a wide range of single, double, and
triple handle circuit breakers
• Accommodates breaker handles .30 – .60 inches (7.62mm –
15.24mm) tall and .25 – .44 inches (6.35mm – 11.18mm) thick
• Easily attached with no modifications to panel or circuit breaker
and does not require hole in circuit breaker handle
• Constructed of rugged nylon and stainless steel, providing
strength, durability, added security and corrosion resistance
^I-LINE is a registered trademark of Square D Company.
Large Handle Circuit Breaker Lockout Device
• Individual circuit breakers can be locked in the off position quickly
and easily without any tools
• Compact, universal design fits a wide range of large handle
circuit breakers
• Accommodates breaker handle dimensions up to
.80 inches thick x 3.00 inches wide (20.32mm x 76.20mm)
• Easily attached with no modifications to panel or circuit breaker
• Constructed of rugged nylon and stainless steel providing strength,
durability, added security and corrosion resistance
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-CBL
Large handle circuit breaker lockout.
1
10
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-CB
Universal circuit breaker lockout.
1
10
PSL-CBIL
Circuit breaker lockout device for use with Square D
I-LINE^/Federal Pacific (FPE) circuit breakers.
110
PSL-CBKIT
Circuit breaker lockout kit (1 each PSL-CBL, CBNT, CBILNT).
1
10
PSL-CB-3PC
(3) PSL-CB universal circuit breaker lockout.
1
10


Similar Part No. - PSL-CB

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PSL-CB PANDUIT-PSL-CB Datasheet
54Kb / 1P
PSL-CB CIRCUIT BREAKER LOCKOUT
PSL-CB PANDUIT-PSL-CB Datasheet
1Mb / 11P
Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PSL-CB-3PC PANDUIT-PSL-CB-3PC Datasheet
1Mb / 11P
Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PSL-CB-V PANDUIT-PSL-CB-V Datasheet
1Mb / 11P
Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PSL-CBIL PANDUIT-PSL-CBIL Datasheet
1Mb / 11P
Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
More results

Similar Description - PSL-CB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4213 LINER-LTC4213 Datasheet
184Kb / 20P
No RSENSE??Electronic Circuit Breaker
logo
PANDUIT CORP.
C10017 PANDUIT-C10017 Datasheet
50Kb / 2P
PSL-CBIL CIRCUIT BREAK LOCKOUT
PSL-CB PANDUIT-PSL-CB Datasheet
54Kb / 1P
PSL-CB CIRCUIT BREAKER LOCKOUT
PSL-BV1 PANDUIT-PSL-BV1 Datasheet
100Kb / 1P
Ball Valve Lockout Devices
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
Undervoltage lockout
01-Feb-2017
logo
Schneider Electric
64274 SCHNEIDER-64274 Datasheet
113Kb / 2P
CIRCUIT BREAKER INTERLOCK OVERRIDE TOOL
Dec 10, 2020
logo
PHOENIX CONTACT
2909902 PHOENIX-2909902 Datasheet
569Kb / 23P
Electronic circuit breaker - PTCB E1 24DC/1A NO
2909910 PHOENIX-2909910 Datasheet
572Kb / 23P
Electronic circuit breaker - PTCB E1 24DC/8A NO
logo
Schneider Electric
9421LW7 SCHNEIDER-9421LW7 Datasheet
139Kb / 2P
Circuit Breaker Mechanism, 1200A operating mechanism with lockout, for 3 pole PowerPact M and P circuit breakers
Jul 7, 2021
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com