Electronic Components Datasheet Search
  English  ▼

X  

AT-210PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-210PIN
Description  Digital Attenu a t o r, 15 dB, 4-Bit DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-210PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AT-210PIN Datasheet HTML 1Page - Tyco Electronics AT-210PIN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Digital Attenuator, 15 dB, 4-Bit
AT-210
Functional Schematic
Absolute Maximum Ratings
1.Operation of this device above any one of these parameters may
cause permanent damage.
Parameter
Absolute Maximum1
Max. Input Power
50 MHz
+27 dBm
500-2000 MHz
+34 dBm
Control Voltage
+5 V, -8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Typical Performance
Pin Configuration
Pin
Description
Pin No.
Description
1
VC1
9
RF2
2
VC1
10
GND
3
VC2
11
GND
4
VC2
12
GND
5
VC3
13
GND
6
VC3
14
GND
7
VC4
15
GND
8
VC4
16
RF1
Control Inputs
VC4 VC4 VC3 VC3 VC2 VC2 VC1 VC1 Attenuation
(dB)
1
0
1
0
1
0
1
0
Reference
0
1
1
0
1
0
1
0
1 dB
1
0
0
1
1
0
1
0
2 dB
1
0
1
0
0
1
1
0
4 dB
1
0
1
0
1
0
0
1
8 dB
0
1
0
1
0
1
0
1
15 dB
"0" = Vin Low, Vin Low = 0V, "1" = Vin High, Vin High = -5V
"0" = 0 to -0.2V @ 20 A Max
"1" = -5V @ 10
A typ to -8V @ 200
A Max
3
2
1
0
RF1 GND GND
GND GND GND RF2
GND
VC1 VC1 VC2
VC3 VC3 VC4 VC4
VC2
8 dB
4 dB
2 dB
1 dB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Truth Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com