Electronic Components Datasheet Search
  English  ▼

X  

AT-119SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-119SMB
Description  2.25 Volt Voltage Variable Absorptive Attenuator - 40 dB, 1.8.2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-119SMB Datasheet(HTML) 2 Page - Tyco Electronics

  AT-119SMB Datasheet HTML 1Page - Tyco Electronics AT-119SMB Datasheet HTML 2Page - Tyco Electronics AT-119SMB Datasheet HTML 3Page - Tyco Electronics AT-119SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.25 Volt Voltage Variable Absorptive Attenuator, 40 dB, 1.8 - 2.5 GHz
AT-119
Specifications subject to change without notice.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
0
5
10
15
20
25
30
35
40
45
50
55
60
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
+25 deg C
+85 deg C
-40 deg C
-6
-4
-2
0
2
4
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CONTROL VOLTAGE (VDC)
1.8 GHz
2.1 GHz
2.4 GHz
-40
o
C
2
Attenuation vs. Control Voltage, +25 °C
Insertion Loss vs. Frequency @ 2.25
VDC for Control Voltage
Attenuation vs. Frequency @ 0.0 VDC
for Control Voltage
Return Loss vs. Control Voltage
@ +25 °C
Typical Performance Curves
Insertion Loss Delta Normalized
to +25 °C
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CONTROL VOLTAGE (Volts)
1.8 GHz
2.1 GHz
2.4 GHz
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CONTROL VOLTAGE (VDC)
1.8 GHz
2.1 GHz
2.4 GHz
Insertion Loss Delta Normalized
to +25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
+25 deg C
+85 deg C
-40 deg C
-6
-4
-2
0
2
4
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CONTROL VOLTAGE (VDC)
1.8 GHz
2.1 GHz
2.4 GHz
+85
o
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com