Electronic Components Datasheet Search
  English  ▼

X  

AT-232 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-232
Description  Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-232 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-232 Datasheet HTML 1Page - Tyco Electronics AT-232 Datasheet HTML 2Page - Tyco Electronics AT-232 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
AT-232
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Input Leakage Current (Low)
-0.2 to 0V
—
µA
—
—
20
Input Leakage Current (High)
-8.0 to -5.0V
—
µA
—
—
200
Electrical Specifications (From –55°C to +85°C)
Absolute Maximum Ratings
3
3. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
+0.5V, -8.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Functional Schematic (Top View)
Truth Table
/VC4
VC4
/VC3
VC3
/VC2
VC2
/VC1
VC1
Atten.
(dB)
-5V
0V
-5V
0V
-5V
0V
-5V
0V
Ref.
0V
-5V
-5V
0V
-5V
0V
-5V
0V
2 dB
-5V
0V
0V
-5V
-5V
0V
-5V
0V
4 dB
-5V
0V
-5V
0V
0V
-5V
-5V
0V
8 dB
-5V
0V
-5V
0V
-5V
0V
0V
-5V
16 dB
0V
-5V
0V
-5V
0V
-5V
0V
-5V
30 dB
Control Inputs
VC1
/VC1
VC2
/VC2
VC3
/VC3
VC4
/VC4
RF1
GND
GND
GND
GND
GND
GND Orientation Mark
RF2
16 dB
8 dB
4 dB
2 dB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com