Electronic Components Datasheet Search
  English  ▼

X  

BD906XX Datasheet(PDF) 21 Page - Rohm

Part # BD906XX
Description  Integrated Pch POWER MOS FET
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD906XX Datasheet(HTML) 21 Page - Rohm

Back Button BD906XX Datasheet HTML 17Page - Rohm BD906XX Datasheet HTML 18Page - Rohm BD906XX Datasheet HTML 19Page - Rohm BD906XX Datasheet HTML 20Page - Rohm BD906XX Datasheet HTML 21Page - Rohm BD906XX Datasheet HTML 22Page - Rohm BD906XX Datasheet HTML 23Page - Rohm BD906XX Datasheet HTML 24Page - Rohm BD906XX Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Datasheet
Datasheet
21/34
BD906xx series
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Nov.2014 Rev.004
Application Examples 4
Parameter
Symbol
Specification case
Product Name
IC
BD90640HFP/EFJ-C
Input Voltage
VIN
3.5 V to 18 V
Output Voltage
VO
3.3 V
Output Ripple Voltage
∆VPP
20 mVp-p
Output Current
IO
Min 1.0 A / Typ 1.5 A / Max 2.0A
Switching Frequency
fSW
500 kHz
Operating Temperature
Topr
-40 °C to +125 °C
Specification Example 4
Reference Circuit 4
Parts List 4
No
Package
Parameters
Part name(series)
Type
Manufacturer
R1
1608
47 kΩ, 1 %, 1 / 10 W
MCR03 series
Chip resistor
ROHM
R2
1608
15 kΩ, 1 %, 1 / 10 W
MCR03 series
Chip resistor
ROHM
R3
1608
10 kΩ, 1 %, 1 / 10 W
MCR03 series
Chip resistor
ROHM
R100
-
SHORT
-
-
-
RRT
1608
27 kΩ, 1 %, 1 / 10 W
MCR03 series
Chip resistor
ROHM
C1
1608
6800 pF, R, 50 V
GCM series
Ceramic capacitor
MURATA
C2
-
OPEN
-
-
-
CRT
1608
100 pF, CH, 50 V
GCM series
Ceramic capacitor
MURATA
CIN
3225
4.7 μF, X7R, 50 V
GCM series
Ceramic capacitor
MURATA
CO
3225
22 μF, X7R, 16 V × 2
GCM series
Ceramic capacitor
MURATA
Cbulk
-
220 μF,35 V × 2
CZ series
Electrolytic capacitor
NICHICON
L1
W 9.7 x H 3.8 x L 10 mm
3
15 μH
CLF10040T-150M-D
Coil
TDK
D1
CPD
Average I = 6 A Max
RB095BM-40FH
Schottky Diode
ROHM
Tektronix DPO5054
FRA5087
Tektronix DPO5054
VIN=13.2V
Io=1.5A
1
μs/div
VIN=13.2V
Io=1.5A
VIN=13.2V
Io=1.5A → 2.0A
200
μs/div
Conversion Efficiency
Output Ripple Voltage
Frequency Characteristic
Load Responce
Vo 50mV/div
@AC
Vo 10mV/div
@AC
Io 200mA/div
@DC offset 1.5A
VIN=13.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com