Electronic Components Datasheet Search
  English  ▼

X  

AT-255 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-255
Description  3Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-255 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-255 Datasheet HTML 1Page - Tyco Electronics AT-255 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 4.0
0
5
10
15
20
25
30
-3
-2
-1
0
CONTROL VOLTAGE (VOLTS)
50MHz
500MHz
INPUT IP3 vs CONTROL VOLTAGE
0
5
10
15
20
25
30
35
40
45
-3
-2
-1
0
CONTROL VOLTAGE (VOLTS)
500 MHz
50MHz
-35
-30
-25
-20
-15
-10
-5
0
00.5
11.5
22.5
3
FREQUENCY (GHz)
Q
-25
-20
-15
-10
-5
0
-3
-2
-1
0
CONTROL VOLTAGE (VOLTS)
-4
-3
-2
-1
0
01
234
FREQUENCY(GHz)
-35
-30
-25
-20
-15
-10
-5
0
-3
-2
-1
0
CONTROL VOLTAGE (VOLTS)
2.5GHz
1.0GHz
50MHz
Typical Performance Curves
Relative Attenuation vs. Control Voltage
Insertion Loss vs. Frequency
Maximum Relative Attenuation vs. Frequency
Return Loss vs. Control @ 900 MHz
Functional Schematic
1
Parameter
Absolute Maximum
Maximum Input Power
+21 dBm
Control Voltage VC
-8V, +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1.
Exceeding any one or a combination of these limits may cause
permanent damage.
1.
VCC = 0 VDC to -3 VDC @ 50 µA max.
Input IP3 vs. Control Voltage
Input P1dB vs. Control Voltage
5
4
1
3
2
RF
GND
Vc
RF
GND
2
3 Volt Voltage Variable Attenuator, 25 dB, DC - 2.5 GHz
AT-255



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com