Electronic Components Datasheet Search
  English  ▼

X  

AT-260 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-260
Description  Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-260 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-260 Datasheet HTML 1Page - Tyco Electronics AT-260 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
+27 dBm
0.5–2.0 GHz
+34 dBm
Control Voltage
+5V, –8.5V
Operating Temperature
–40˚C to +85°C
Storage Temperature
–65˚C to +150˚C
Control Inputs
VC5 VC4 VC4 VC3 VC3 VC2 VC2 VC1 VC1 Attenuation
(dB)
1
1
0
1
0
1
0
1
0
Reference
0
1
0
1
0
1
0
1
0
1 dB
1
0
1
1
0
1
0
1
0
2 dB
1
1
0
0
1
1
0
1
0
4 dB
1
1
0
1
0
0
1
1
0
8 dB
1
1
0
1
0
1
0
0
1
16 dB
0
0
1
0
1
0
1
0
1
31 dB
Absolute Maximum Ratings
1
Functional Schematic
Pin No.
Description
Pin No.
Description
1
VC1
11
RF1
2
VC1
12
GND
3
VC2
13
GND
4
VC2
14
GND
5
VC3
15
GND
6
VC3
16
GND
7
VC4
17
GND
8
VC4
18
GND
9
NC
19
GND
10
VC5
20
RF2
1. Operation of this device above any one of these parameters may
cause permanent damage.
Typical Performance
Pin Configuration
Truth Table
0 = VIN Low = 0 V = 0 to -0.2 V @ 20 µA maximum
1 = VIN High = -5 V @ 20 µA typical to -8 V @ 200 µA maximum



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com