Electronic Components Datasheet Search
  English  ▼

X  

K25F Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # K25F
Description  High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

K25F Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  K25F_13 Datasheet HTML 1Page - Voltage Multipliers Inc. K25F_13 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
VOLTAGE MULTIPLIERS INC.
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
θ L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
20
0
0
.
=
L0
5
2
.
=
LC
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°W
/
C
°F
p
F
5
2
K
F
0
5
K
F
0
0
1
K
0
0
5
2
0
0
0
5
0
0
0
0
1
0
0
.
3
0
2
.
2
0
5
.
1
0
5
.
1
0
1
.
1
5
7
.
0
0
.
2
0
.
2
0
.
2
0
0
1
0
0
1
0
0
1
5
.
6
5
.
9
0
.
3
1
0
.
3
2
.
2
5
.
1
0
0
2
0
5
1
0
0
1
0
5
5
3
5
2
0
0
2
0
0
2
0
0
2
0
.
2
0
.
2
0
.
2
5
.
4
5
.
4
5
.
4
0
7
0
5
5
3
High Voltage Diodes - Epoxy Molded
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55°C to +150°C Stg. Temp.= -55°C to +175°C
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
1.5A - 3.0A • 200ns • Axial Leaded


Similar Part No. - K25F_13

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
K25F0202B4 ASHCROFT-K25F0202B4 Datasheet
202Kb / 3P
K2 Pressure Transducer
RevA_10-28-20
K25F0202B6 ASHCROFT-K25F0202B6 Datasheet
202Kb / 3P
K2 Pressure Transducer
RevA_10-28-20
K25F0202B8 ASHCROFT-K25F0202B8 Datasheet
202Kb / 3P
K2 Pressure Transducer
RevA_10-28-20
K25F0202B9 ASHCROFT-K25F0202B9 Datasheet
202Kb / 3P
K2 Pressure Transducer
RevA_10-28-20
K25F0202C1 ASHCROFT-K25F0202C1 Datasheet
202Kb / 3P
K2 Pressure Transducer
RevA_10-28-20
More results

Similar Description - K25F_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z25S ETC-Z25S Datasheet
45Kb / 2P
AXIAL LEADED EPOXY MOLDED
logo
SUNMATE electronic Co.,...
SF31 SUNMATE-SF31 Datasheet
135Kb / 2P
3.0A Axial Leaded Super Fast Rectifier Diodes
logo
Voltage Multipliers Inc...
K25S VMI-K25S_13 Datasheet
101Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
K25UF VMI-K25UF_13 Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
M25FG VMI-M25FG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 10mA - 100mA ??200ns ??Hermetic
OC025 VMI-OC025 Datasheet
161Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
OC100 VMI-OC100_13 Datasheet
170Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
OC150G VMI-OC150G Datasheet
177Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
X25FG VMI-X25FG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
Z25FG VMI-Z25FG_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??200ns ??Hermetic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com