Electronic Components Datasheet Search
  English  ▼

X  

AT-267 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-267
Description  Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-267 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-267 Datasheet HTML 1Page - Tyco Electronics AT-267 Datasheet HTML 2Page - Tyco Electronics AT-267 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 1 Bit, 15 dB Step, DC - 2.0 MHz
AT-267
Specifications subject to change without notice.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
2
Typical Performance Curves
Electrical Specifications: TA = +25 °C, VCTRL = +2.7 Volts
1====
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
1.0 GHz
dB
0.3
0.4
2.0 GHz
dB
0.4
0.5
Attenuation
1.0 GHz
dB
15
15.5
16
2.0 GHz
dB
14
14.5
15
VSWR
1.0 GHz
1.2:1
2.0 GHz
1.3:1
Input IP3
1.0 GHz (0 dBm), Attenuator OFF
dBm
40
43
Attenuator ON
40
45
P1dB
1 GHz, Attenuator OFF
dBm
19
22
Attenuator ON
13
17
Leakage Current
µA
10
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
150
Ton, Toff
50% Control to 90% RF, Control to 10% RF
nS
150
Transients
In Band
mV
10
1. All measurements in a 50-
τ system unless otherwise specified. The RF ports must be blocked out side of the package from
ground or any other voltage.
12
13
14
15
16
17
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
FREQUENCY (GHz)
12
13
14
15
16
17
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
-40 °C
+25 °C
+85 °C
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
15 dB
0 dB
VSWR, 0 and 15 dB States with
Negative Control (-2.7 V) +25 °C
Attenuation with Negative Control
(0. –2.7 V)
Attenuation with Positive Control
(0, +2.7 V)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
+85 °C
+25 °C
-40 °C
Insertion Loss with Negative Control
(-2.7, 0 V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com