Electronic Components Datasheet Search
  English  ▼

X  

AT-357 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-357
Description  GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-357 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-357 Datasheet HTML 1Page - Tyco Electronics AT-357 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: 1. Operation of this device above any one of these parameters may cause
permanent damage.
Parameter
Absolute Maximum1
Max. Input Power
0.05 GHz
+27 dBm
0.5 – 2.0 GHz
+32 dBm
Bias Voltage
+15V Supply (V+)
-0.7V to + 18V
-12V Supply (V-)
-15V to + 0.7V
Control Voltage
(V-)-2V to (V+)+2V
(or 30 mA, whichever comes first)
Operating Temperature
-55
°C to +125°C
Storage Temperature
-65
°C to +150°C
1.0
2.0
3.0
4.0
5.0
0.5
1.0
1.5
2.0
0
FREQUENCY (GHz)
6.0
REFERENCE INSERTION LOSS vs. FREQUENCY
ATTENUATION FLATNESS vs. FREQUENCY
1.0
0.5
0.0
-0.5
-1.0
0.5
1.0
1.5
2.0
31 dB
FREQUENCY (GHz)
0
1,2,4,8,16 dB
2.0
1.8
1.6
1.4
1.2
1.0
0
0.5
1.0
1.5
2.0
Insertion Loss and 1 dB Bit
Attenuation of 2 dB and Greater
VSWR vs. FREQUENCY
FREQUENCY (GHz)
GaAs Digital Attenuator, 31dB, 5 Bit
AT-357
V3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Absolute Maximum Ratings 1
Typical Performance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com