Electronic Components Datasheet Search
  English  ▼

X  

AT-337 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-337
Description  Voltage Variable Absorptive Attenuator DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-337 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-337 Datasheet HTML 1Page - Tyco Electronics AT-337 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
Typical Performance
Functional Schematics (Top View)
Absolute Maximum Ratings
1.Operation of this device above any one of these parameters may cause
permanent damage.
Parameter
Absolute Maximum1
Max. Input Power
0.05 GHz
+27 dBm
0.5 – 2.0 GHz
+30 dBm
Control Voltage
+5V, -8.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
FREQUENCY (GHz)
FREQUENCY (GHz)
Voltage Variable Absorptive Attenuator
AT-332, AT-337



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com