Electronic Components Datasheet Search
  English  ▼

X  

AT-358PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-358PIN
Description  1 Bit, 10 dB, GaAs Digital Atten 0.02 - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-358PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AT-358PIN Datasheet HTML 1Page - Tyco Electronics AT-358PIN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Absolute Maximum1
Max. Input Power
0.05 GHz
+27 dBm
0.5 – 2.0 GHz
+32 dBm
Bias Voltage
0.5 to +7 V
Control Voltage
-0.5 to V bias + 0.5 V
Operating Temperature
–55˚C to +125˚C
Storage Temperature
–65˚C to +150˚C
Typical Performance
1. Operation of this device above any one of these parameters may
cause permanent damage.
Absolute Maximum Ratings
0
-0.5
-1.0
-1.5
-2.0
-2.5
FREQUENCY (GHz)
REFERENCE INSERTION LOSS vs FREQUENCY
0.5
0.02
1.0
1.5
2.0
FREQUENCY (GHz)
ATTENUATION FLATNESS vs FREQUENCY
0.02
0.5
1.0
1.5
2.0
-0.5
-0.25
0
+0.25
+0.5
ATTENUATION STATE
LOSS STATE
1.4
1.2
VSWR vs FREQUENCY
2.0
1.8
1.6
1.0
FREQUENCY (GHz)
0.5
0.02
1.0
1.5
2.0
Specifications Subject to Change Without Notice.
V2.01
1-Bit, 10 dB, GaAs Digital Attenuator
AT-358



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com