Electronic Components Datasheet Search
  English  ▼

X  

LT3032 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3032
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3032_15 Datasheet HTML 16Page - Linear Technology LT3032_15 Datasheet HTML 17Page - Linear Technology LT3032_15 Datasheet HTML 18Page - Linear Technology LT3032_15 Datasheet HTML 19Page - Linear Technology LT3032_15 Datasheet HTML 20Page - Linear Technology LT3032_15 Datasheet HTML 21Page - Linear Technology LT3032_15 Datasheet HTML 22Page - Linear Technology LT3032_15 Datasheet HTML 23Page - Linear Technology LT3032_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3032 Series
21
3032fe
For more information www.linear.com/LT3032
APPLICATIONS INFORMATION
In situations where the ADJP pin is connected to a resistor
divider that would pull the ADJP pin above its 7V clamp
voltage if the output is pulled high, the ADJP pin input
current must be limited to less than 5mA. For example, a
resistor divider is used to provide a 1.5V output from the
1.22V reference and the output is forced to 20V. The top
resistor of the divider must be chosen to limit the current
into the ADJP pin to less than 5mA when the ADJP pin is
at 7V. The 13V difference between OUTP and ADJP divided
by the 5mA maximum current into the ADJP pin yields a
minimum top resistor value of 2.6k.
In circuits where a backup battery is required on the posi-
tive output, several different input/output conditions can
occur. The output voltage may be held up while the input
is either pulled to ground, pulled to some intermediate
voltage or is left open circuit. Current flow back into OUTP
follows the curve shown in Figure 6.
If the INP pin is forced below the OUTP pin or the OUTP
pin is pulled above the INP pin, input current typically
drops to less than 2µA. This can happen if the device is
connected to a discharged (low voltage) battery and the
output is held up by a backup battery or a second regula-
tor circuit. The state of the SHDNP pin has no effect on
the reverse output current if OUTP is pulled above INP.
Figure 6. Reverse Output Current
OUTP PIN VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
3032 F06
0
2
4
6
8 10 12 14 16 18 20
TJ = 25°C, VINP = 0V
CURRENT FLOWS
INTO OUTP PIN
VOUTP = VADJP (LT3032)
LT3032
LT3032-5
LT3032-15
LT3032-12
LT3032-3.3
Like many IC power regulators, the negative side of the
LT3032hassafeoperatingarea(SOA)protection.Thesafe
operating area protection activates when the differential
voltage between INN and OUTN is greater than -7V. The
SOA protection decreases current limit as a function of
the voltage differential between INN and OUTN and keeps
the power transistor inside a safe operating region for all
values of forward input-to-output voltage. The protection
is designed to provide some output current at all values
of INN to OUTN differential voltage up to the Absolute
Maximum Rating. A 50µA load is required to maintain
regulation for INN to OUTN differential voltages greater
than –7V. When in shutdown, protection circuitry remains
active and will cause the output to rise slightly at zero load.
A small pre-load is needed for zero output, if desired (see
graph of Quiescent Current vs Input Voltage in Typical
Performance Characteristics).
When power to the negative side is first turned on, as the
inputvoltagerises,OUTNfollowsINN,allowingtheregula-
tor to start into very heavy loads. During start-up, as the
INN voltage is rising, the differential voltage between INN
and OUTN is small, allowing the negative side to supply
large output currents. With a high INN voltage, a problem
can occur wherein removal of an output short will not al-
low the output voltage to fully recover. Other regulators,
such as the LT1175, LT1964, and LT3080 also exhibit this
phenomenon, so it is not unique to the LT3032.
TheproblemoccurswithaheavyoutputloadwhentheINN
voltage is high and the OUTN voltage is low. Common situ-
ations are immediately after the removal of a short-circuit
or when the SHDNN pin is pulled high after the INN pin
has already been turned on. The load line for such a load
may intersect the output current curve at two points. If
this happens, there are two stable operating points for the
negative side of the LT3032. With this double intersection,
the INN supply may need to be cycled down to zero and
brought up again to make OUTN recover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com