Electronic Components Datasheet Search
  English  ▼

X  

LT3050 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3050
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3050_15 Datasheet HTML 17Page - Linear Technology LT3050_15 Datasheet HTML 18Page - Linear Technology LT3050_15 Datasheet HTML 19Page - Linear Technology LT3050_15 Datasheet HTML 20Page - Linear Technology LT3050_15 Datasheet HTML 21Page - Linear Technology LT3050_15 Datasheet HTML 22Page - Linear Technology LT3050_15 Datasheet HTML 23Page - Linear Technology LT3050_15 Datasheet HTML 24Page - Linear Technology LT3050_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT3050 Series
21
3050fa
APPLICATIONS INFORMATION
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes also can spread the heat generated by
power devices. The following tables list thermal resis-
tance as a function of copper area in a fixed board size.
All measurements were taken in still air on a four-layer
FR-4 board with one ounce solid internal planes and two
ounce external trace planes with a total board thickness
of 1.6mm. For further information on thermal resistance
and using thermal information, refer to JEDEC standard
JESD51, notably JESD51-12.
Table 1. MSOP Measured Thermal Resistance
COPPER AREA
BOARD
AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE
BACKSIDE
2500 sq mm 2500 sq mm 2500 sq mm
40°C/W
1000 sq mm 2500 sq mm 2500 sq mm
41°C/W
225 sq mm 2500 sq mm 2500 sq mm
43°C/W
100 sq mm 2500 sq mm 2500 sq mm
45°C/W
Table 2. DFN Measured Thermal Resistance
COPPER AREA
TOPSIDE
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
44°C/W
1000 sq mm
2500 sq mm
45°C/W
225 sq mm
2500 sq mm
47°C/W
100 sq mm
2500 sq mm
49°C/W
Calculating Junction Temperature
Example: Given an output voltage of 5V, an input voltage
range of 12V ±5%, a maximum output current range of
75mA and a maximum ambient temperature of 85°C, what
will the maximum junction temperature be?
The power dissipated by the device equals:
IOUT(MAX) * (VIN(MAX) – VOUT) + IGND * VIN(MAX)
where,
IOUT(MAX) = 75mA
VIN(MAX) = 12.6V
IGND at (IOUT = 75mA, VIN = 12V) = 1.5mA
So,
P = 75mA • (12.6V - 5V) + 1.5mA • 12.6V = 0.589W
Using a DFN package, the thermal resistance ranges from
44°C/W to 49°C/W depending on the copper area. So the
junction temperature rise above ambient approximately
equals:
0.589W • 49°C/W = 28.86°C
The maximum junction temperature equals the maximum
ambient temperature plus the maximum junction tempera-
ture rise above ambient or:
TJMAX = 85°C + 28.86°C = 113.86°C
Protection Features
The LT3050 incorporates several protection features that
make it ideal for use in battery-powered circuits. In ad-
dition to the normal protection features associated with
monolithic regulators, such as current limiting and thermal
limiting, the device also protects against reverse-input
voltages, reverse-output voltages and reverse output-to-
input voltages.
Current limit protection and thermal overload protection
protect the device against current overload conditions at
the output of the device. For normal operation, do not
exceed a junction temperature of 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com