Electronic Components Datasheet Search
  English  ▼

X  

LT3065 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3065_15 Datasheet HTML 17Page - Linear Technology LT3065_15 Datasheet HTML 18Page - Linear Technology LT3065_15 Datasheet HTML 19Page - Linear Technology LT3065_15 Datasheet HTML 20Page - Linear Technology LT3065_15 Datasheet HTML 21Page - Linear Technology LT3065_15 Datasheet HTML 22Page - Linear Technology LT3065_15 Datasheet HTML 23Page - Linear Technology LT3065_15 Datasheet HTML 24Page - Linear Technology LT3065_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3065 Series
21
3065fb
For more information www.linear.com/LT3065
APPLICATIONS INFORMATION
Using a DFN package, the thermal resistance ranges from
31°C/W to 35°C/W depending on the copper area. So the
junction temperature rise above ambient approximately
equals:
0.614W • 35°C/W = 21.5°C
The maximum junction temperature equals the maxi-
mum ambient temperature plus the maximum junction
temperature rise above ambient or:
TJMAX = 85°C + 21.5°C = 106.5°C
Protection Features
The LT3065 incorporates several protection features that
make it ideal for use in battery-powered circuits. In ad-
dition to the normal protection features associated with
monolithicregulators,suchascurrentlimitingandthermal
limiting, the device also protects against reverse input
voltages, reverse output voltages and reverse output-to-
input voltages.
Current limit protection and thermal overload protection
protect the device against current overload conditions
at the LT3065’s output. The typical thermal shutdown
temperature is 165°C with about 7°C of hysteresis. For
normal operation, do not exceed a junction temperature
of 125°C (E-, I-grades) or 150°C (MP-, H-grades).
TheLT3065INpinwithstandsreversevoltagesof50V.The
device limits current flow to less than 1μA (typically less
than 25nA) and no negative voltage appears at OUT. The
device protects both itself and the load against batteries
that are plugged in backwards.
Figure 9. Reverse Output Current
VOUT (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
10
20
25
40
3055 F09
0.2
0.8
0.9
0.6
5
15
30
35
VIN = 0
The LT3065 incurs no damage if its output is pulled be-
low ground. If the input is left open circuit or grounded,
the output can be pulled below ground by 50V. No cur-
rent flows through the pass transistor from the output.
However, current flows in (but is limited by) the feedback
resistor divider that sets the output voltage. Current flows
from the bottom resistor in the divider and from the ADJ
pin’s internal clamp through the top resistor in the divider
to the external circuitry pulling OUT below ground. If a
voltage source powers the input, the output sources cur-
rent equal to its current limit capability and the LT3065
protects itself by thermal limiting. In this case, grounding
the SHDN pin turns off the device and stops the output
from sourcing current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com