Electronic Components Datasheet Search
  English  ▼

X  

LT3070 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3070
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3070_15 Datasheet HTML 17Page - Linear Technology LT3070_15 Datasheet HTML 18Page - Linear Technology LT3070_15 Datasheet HTML 19Page - Linear Technology LT3070_15 Datasheet HTML 20Page - Linear Technology LT3070_15 Datasheet HTML 21Page - Linear Technology LT3070_15 Datasheet HTML 22Page - Linear Technology LT3070_15 Datasheet HTML 23Page - Linear Technology LT3070_15 Datasheet HTML 24Page - Linear Technology LT3070_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT3070
21
3070fc
For more information www.linear.com/LT3070
APPLICATIONS INFORMATION
Stability and Input Capacitance
The LT3070 is stable with a minimum capacitance of
47µF connected to its IN pins. Use low ESR capacitors to
minimize instantaneous voltage drops under large load
transient conditions. Large VIN droops during large load
transients may cause the regulator to enter dropout with
corresponding degradation in load transient response.
Increased values of input and output capacitance may be
necessary depending on an application’s requirements.
Sufficient input capacitance is critical as the circuit is in-
tentionally operated close to dropout to minimize power.
Ideally, the output impedance of the supply that powers
IN should be less than 10mΩ to support a 5A load with
large transients.
In cases where wire is used to connect a power supply
to the input of the LT3070 (and also from the ground of
the LT3070 back to the power supply ground), large input
capacitors are required to avoid an unstable application.
This is due to the inductance of the wire forming an LC
tank circuit with the input capacitor and not a result of the
LT3070 being unstable. The self inductance, or isolated
inductance, of a wire is directly proportional to its length.
However, the diameter of a wire does not have a major
influence on its self inductance. For example, one inch of
18-AWG, 0.04 inch diameter wire has 28nH of self induc-
tance. The self inductance of a 2-AWG isolated wire with
a diameter of 0.26 inch is about half the inductance of a
18-AWG wire. The overall self inductance of a wire can be
reduced in two ways. One is to divide the current flowing
towards the LT3070 between two parallel conductors
which flows in the same direction in each. In this case,
the farther the wires are placed apart from each other, the
more inductance will be reduced, up to a 50% reduction
when placed a few inches apart. Splitting the wires basi-
cally connects two equal inductors in parallel. However,
when placed in close proximity from each other, mutual
inductance is added to the overall self inductance of the
wires. The most effective way to reduce overall inductance
is to place the forward and return-current conductors (the
wire for the input and the wire for the return ground) in
very close proximity. Two 18-AWG wires separated by
0.05 inch reduce the overall self inductance to about one-
fourth of a single isolated wire. If the LT3070 is powered
by a battery mounted in close proximity with ground and
power planes on the same circuit board, a 47µF input
capacitor is sufficient for stability. However, if the LT3070
is powered by a distant supply, use a low ESR, large value
input capacitor on the order of 330µF. As power supply
output impedance varies, the minimum input capacitance
needed for application stability also varies.
Bias Pin Capacitance Requirements
The BIAS pin supplies current to most of the internal
control circuitry and the output stage driving the pass
transistor. The LT3070 requires a minimum 2.2µF
bypass capacitor for stability and proper operation. To
ensure proper operation, the BIAS voltage must sat-
isfy the following conditions: 2.2V ≤ VBIAS ≤ 3.6V and
VBIAS ≥ (1.25 • VOUT + 1V). For VOUT ≤ 0.95V, the
minimum BIAS voltage is limited to 2.2V.
DC BIAS VOLTAGE (V)
0
–100
–80
–60
–40
–20
4
8
12
16
3070 F04
0
20
2
6
10
X5R
Y5V
14
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
TEMPERATURE (°C)
–50
–20
0
40
25
75
X5R
Y5V
3070 F05
–40
–60
–25
0
50
100
125
–80
–100
20
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
Figure 4. Ceramic Capacitor DC Bias Characteristics
Figure 5. Ceramic Capacitor Temperature Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com