Electronic Components Datasheet Search
  English  ▼

X  

LT3071 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3071
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3071_15 Datasheet HTML 17Page - Linear Technology LT3071_15 Datasheet HTML 18Page - Linear Technology LT3071_15 Datasheet HTML 19Page - Linear Technology LT3071_15 Datasheet HTML 20Page - Linear Technology LT3071_15 Datasheet HTML 21Page - Linear Technology LT3071_15 Datasheet HTML 22Page - Linear Technology LT3071_15 Datasheet HTML 23Page - Linear Technology LT3071_15 Datasheet HTML 24Page - Linear Technology LT3071_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT3071
21
3071fc
For more information www.linear.com/LT3071
APPLICATIONS INFORMATION
wires. The most effective way to reduce overall inductance
is to place the forward and return-current conductors (the
wire for the input and the wire for the return ground) in
very close proximity. Two 18-AWG wires separated by
0.05 inch reduce the overall self inductance to about one-
fourth of a single isolated wire. If the LT3071 is powered
by a battery mounted in close proximity with ground and
power planes on the same circuit board, a 47µF input
capacitor is sufficient for stability. However, if the LT3071
is powered by a distant supply, use a low ESR, large value
input capacitor on the order of 330µF. As power supply
output impedance varies, the minimum input capacitance
needed for application stability also varies.
Bias Pin Capacitance Requirements
The BIAS pin supplies current to most of the internal
control circuitry and the output stage driving the pass
transistor. The LT3071 requires a minimum 2.2µF
bypass capacitor for stability and proper operation. To
ensure proper operation, the BIAS voltage must sat-
isfy the following conditions: 2.2V ≤ VBIAS ≤ 3.6V and
VBIAS ≥ (1.25 • VOUT + 1V). For VOUT ≤ 0.95V, the
minimum BIAS voltage is limited to 2.2V.
Load Regulation
The LT3071 provides a Kelvin sense pin for VOUT, allowing
the application to correct for parasitic package and PCB
I-R drops. However, LTC recommends that the SENSE pin
terminate in close proximity to the LT3071’s OUT pins.
This minimizes parasitic inductance and optimizes regula-
tion. The LT3071 handles moderate levels of output line
impedance, but excessive impedance between VOUT and
COUT causes excessive phase shift in the feedback loop
and adversely affects stability.
Figure 1 in the Pin Functions section illustrates the Kelvin-
sense connection method that eliminates voltage drops
duetoPCBtraceresistance.However,notethatthevoltage
drop across the external PCB traces adds to the dropout
voltage of the regulator. The SENSE pin input bias current
depends on the selected output voltage. SENSE pin input
current varies from 50µA typically at VOUT = 0.8V to 300µA
typically at VOUT = 1.8V.
Short-Circuit and Overload Recovery
Like many IC power regulators, the LT3071 has safe op-
erating area (SOA) protection. The safe area protection
decreasescurrentlimitasinput-to-outputvoltageincreases
and keeps the power transistor inside a safe operating
region for all values of input-to-output voltage up to the
absolute maximum voltage rating. VBIAS must be above
the UVLO threshold for any function. The LT3071 has a
precision current limit specified at ±20% that is active if
VBIAS is above UVLO.
Under conditions of maximum ILOAD and maximum
VIN-VOUT the device’s power dissipation peaks at about
3W. If ambient temperature is high enough, die junction
temperature will exceed the 125°C maximum operating
temperature. If this occurs, the LT3071 relies on two
additional thermal safety features. At about 145°C, the
PWRGD output pulls low providing an early warning of an
impendingthermalshutdowncondition.At165°Ctypically,
the LT3071’s thermal shutdown engages and the output is
shut down until the IC temperature falls below the thermal
hysteresislimit.TheSOAprotectiondecreasescurrentlimit
as the IN-to-OUT voltage increases and keeps the power
dissipation at safe levels for all values of input-to-output
voltage. The LT3071 provides some output current at all
values of input-to-output voltage up to the absolute maxi-
mum voltage rating. See the Current Limit vs VIN curve in
the Typical Performance Characteristics.
Duringstart-up,aftertheBIASvoltagehascleareditsUVLO
threshold and VIN is increasing, output voltage increases
at the rate of current limit charging COUT.
With a high input voltage, a problem can occur where the
removal of an output short will not allow the output voltage
to recover. Other regulators with current limit foldback
also exhibit this phenomenon, so it is not unique to the
LT3071. The load line for such a load may intersect the
output current curve at two points: normal operation and
the SOA restricted load current settings. A common situ-
ation is immediately after the removal of a short circuit,
but with a static load ≥ 1A. In this situation, removal of the
load or reduction of IOUT to <1A will clear this condition
and allow VOUT to return to normal regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com