Electronic Components Datasheet Search
  English  ▼

X  

OC025 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # OC025
Description  Optocoupler ??Axial Leaded ??Epoxy Molded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

OC025 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  OC025 Datasheet HTML 1Page - Voltage Multipliers Inc. OC025 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
62
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
VOLTAGE MULTIPLIERS INC.
OC 025
ELECTRICAL CHARACTERISTICS
LED
• Forward Voltage
1.7 V MAX
(If = 100 mA, tp = 20 µs)
• Reverse Leakage Current
10 µA MAX
VR = 5 V
Photodiode
• Foward Voltage (If = 25 mA)
6.0 V MAX
• Reverse Leakage Current
VR = 2,500 kV, I
LED = 0 mA
100 nA Typical
VR = 2,500 kV, I
LED = 50 mA
450 µA Typical
Coupled
• DC Current Transfer Ratio
0.76% MIN
(I
LED = 50 mA, VR = 10 kV)
• t
ON (Typical)
2 µs
• t
OFF (Typical)
2 µs
(25°C UNLESS OTHERWISE NOTED)
LED
• Forward DC Current
50 mA
• Surge Current (tp = 10 µs)
500 mA
• Reverse Voltage
5 V
• Power Dissipation (25°C)
100 mW
Photodiode
• Reverse Voltage
2,500 V
• Power Dissipation
125 mW
• Storage Temperature
-40°C to +125°C
• Operating Temperature
-40°C to +100°C
• Isolation Test Voltage
6 kV (From Pins 5 & 6
to Pins 1 - 4)
Optocoupler • Axial Leaded • Epoxy Molded
ABSOLUTE MAXIMUM RATINGS
Simplified Circuit Schematic
Tolerance:
.XXX ±.020


Similar Part No. - OC025

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OC011NKG8 OPTOSUPPLY-OC011NKG8 Datasheet
100Kb / 1P
Low power consumption竊똄nergy saving
More results

Similar Description - OC025

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
logo
List of Unclassifed Man...
Z25S ETC-Z25S Datasheet
45Kb / 2P
AXIAL LEADED EPOXY MOLDED
logo
Voltage Multipliers Inc...
K25F VMI-K25F_13 Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
K25S VMI-K25S_13 Datasheet
101Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
K25UF VMI-K25UF_13 Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
OC100 VMI-OC100_13 Datasheet
170Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
OC150G VMI-OC150G Datasheet
177Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
logo
Vishay Siliconix
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com