Electronic Components Datasheet Search
  English  ▼

X  

MPQ6502 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MPQ6502
Description  SILICON QUAD COMPLEMENTARY TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MPQ6502 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MPQ6502 Datasheet HTML 1Page - Central Semiconductor Corp MPQ6502 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPQ6002
MPQ6502
SILICON QUAD
COMPLEMENTARY TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MPQ6002 and
MPQ6502 types are silicon complementary pair transistors,
mounted in a 14 pin DIP package, designed for general
purpose amplifier and switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation (per transistor)
PD
650
mW
Power Dissipation (total package)
PD
1.25
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (total package)
ΘJA
100
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=50V
30
nA
IEBO
VEB=3.0V
30
nA
BVCBO
IC=10μA
60
V
BVCEO
IC=10mA
30
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.4
V
VCE(SAT)
IC=300mA, IB=30mA
1.4
V
VBE(SAT)
IC=150mA, IB=15mA
1.3
V
VBE(SAT)
IC=300mA, IB=30mA
2.0
V
hFE
VCE=10V, IC=1.0mA
50
hFE
VCE=10V, IC=10mA
75
hFE
VCE=10V, IC=150mA
100
hFE
VCE=10V, IC=300mA
30
fT
VCE=20V, IC=50mA, f=100MHz
200
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
pF
Cib
VEB=2.0V, IC=0, f=1.0MHz
30
pF
ton
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
30
ns
toff
VCC=30V, IC=150mA, IB1=IB2=15mA
225
ns
TO-116 CASE
R1 (8-April 2013)
www.centr a lsemi.com


Similar Part No. - MPQ6502

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPQ6502 CENTRAL-MPQ6502 Datasheet
137Kb / 1P
QUAD TRANSISTORS
logo
Motorola, Inc
MPQ6502 MOTOROLA-MPQ6502 Datasheet
504Kb / 6P
QUAD DUAL IN LINE SILICON COMPLEMENTARY PAIR TRANSISTORS
MPQ6502N MOTOROLA-MPQ6502N Datasheet
504Kb / 6P
QUAD DUAL IN LINE SILICON COMPLEMENTARY PAIR TRANSISTORS
More results

Similar Description - MPQ6502

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MMPQ6700 CENTRAL-MMPQ6700 Datasheet
140Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON QUAD TRANSISTORS
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Motorola, Inc
MPQ6001 MOTOROLA-MPQ6001 Datasheet
504Kb / 6P
QUAD DUAL IN LINE SILICON COMPLEMENTARY PAIR TRANSISTORS
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
COMPLEMENTARY SILICON TRANSISTORS
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON TRANSISTORS
MPSA05 CENTRAL-MPSA05_15 Datasheet
1Mb / 5P
COMPLEMENTARY SILICON TRANSISTORS
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N6099 UTC-2N6099_15 Datasheet
73Kb / 3P
COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5814 NJSEMI-2N5814 Datasheet
80Kb / 1P
COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com