Electronic Components Datasheet Search
  English  ▼

X  

MPS6521 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MPS6521
Description  SILICON NPN TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MPS6521 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MPS6521 Datasheet HTML 1Page - Central Semiconductor Corp MPS6521 Datasheet HTML 2Page - Central Semiconductor Corp MPS6521 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPS6520
MPS6521
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MPS6520 and
MPS6521 are silicon NPN epitaxial transistors designed
for complementary amplifier applications requiring
low noise and high DC current gains. The PNP
complementary devices are MPS6522 and MPS6523
respectively.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
4.0
V
Continuous Collector Current
IC
100
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
50
nA
ICBO
VCB=30V, TA=60°C
1.0
μA
BVCEO
IC=500μA
25
V
BVEBO
IE=10μA
4.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.5
V
fT
VCE=10V, IC=2.0mA
300
MHz
fT
VCE=10V, IC=10mA
400
MHz
Cob
VCB=10V, IE=0, f=100kHz
3.5
pF
NF
VCE=5.0V, IC=10μA,
RS=10KΩ, BW=15.7kHz,
3.0dB points @ 10Hz and 10kHz
3.0
dB
MPS6520
MPS6521
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=100μA
100
-
150
-
hFE
VCE=10V, IC=2.0mA
200
400
300
600
R1 (11-November 2014)
www.centr a lsemi.com


Similar Part No. - MPS6521

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6521 MOTOROLA-MPS6521 Datasheet
791Kb / 12P
Amplifier Transistors
MPS6521 MOTOROLA-MPS6521 Datasheet
551Kb / 12P
Amplifier Transistors
logo
ON Semiconductor
MPS6521 ONSEMI-MPS6521 Datasheet
551Kb / 12P
Amplifier Transistors
1997
logo
Samsung semiconductor
MPS6521 SAMSUNG-MPS6521 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
logo
Micro Electronics
MPS6521 MICRO-ELECTRONICS-MPS6521 Datasheet
159Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - MPS6521

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com