Electronic Components Datasheet Search
  English  ▼

X  

OC100 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # OC100
Description  Optocoupler ??Axial Leaded ??Epoxy Molded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

OC100 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  OC100 Datasheet HTML 1Page - Voltage Multipliers Inc. OC100 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
64
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
VOLTAGE MULTIPLIERS INC.
OC100 OC100G OC100HG
OC100 OC100HG
OC100G
• Storage Temperature
-40°C to +100°C
• Operating Temperature
-40°C to +70°C
• Isolation Test Voltage
25 kV (From Pins 1, 2,
3 & 4 to Pins 5 & 6)
Simplified Circuit Schematic
Tolerance:
.XX ±.020
ELECTRICAL CHARACTERISTICS
Optocoupler • Axial Leaded • Epoxy Molded
(25°C UNLESS OTHERWISE NOTED)
ABSOLUTE MAXIMUM RATINGS
0
0
1
C
OG
0
0
1
C
OG
H
0
0
1
C
O
E
LD
t
n
e
r
r
u
C
C
D
d
r
a
w
r
o
FA
m
0
0
1
t
n
e
r
r
u
C
e
g
r
u
S
)
s
µ
0
1
=
p
t
(
A
5
.
2
)
s
µ
0
0
1
=
p
t
(
A
5
.
1
)
s
µ
0
1
=
p
t
(
A
5
.
1
e
g
a
t
l
o
V
e
s
r
e
v
e
RV
5
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
C
°
5
2
(
W
m
0
0
2
)
C
°
5
2
(
W
m
0
6
1
)
C
°
5
2
(
W
m
0
8
1
e
d
o
i
d
o
t
o
h
P
e
g
a
t
l
o
V
e
s
r
e
v
e
RV
0
0
0
,
5
1
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PW
0
.
1
0
0
1
C
OG
0
0
1
C
OG
H
0
0
1
C
O
D
E
L
e
g
a
t
l
o
V
d
r
a
w
r
o
F
)
A
m
0
0
1
=
f
I
(
V
5
.
1
e
g
a
k
a
e
L
e
s
r
e
v
e
R
V
5
=
R
V
t
n
e
r
r
u
C
A
n
0
1A
µ
0
1
e
d
o
i
d
o
t
o
h
P
e
g
a
t
l
o
V
d
r
a
w
r
o
FX
A
M
V
0
.
2
1
)
A
6
.
0
=
f
I
(
e
g
a
k
a
e
L
e
s
r
e
v
e
R
n
e
r
r
u
Ct
,
V
k
0
1
=
R
V
I
D
E
L
A
m
0
=
l
a
c
i
p
y
T
A
n
0
5
2
,
V
k
0
1
=
R
V
I
D
E
L
A
m
0
5
=
A
µ
0
5
l
a
c
i
p
y
T
A
µ
0
0
2
l
a
c
i
p
y
T
A
µ
0
5
2
l
a
c
i
p
y
T
d
e
l
p
u
o
C
r
e
f
s
n
a
r
T
t
n
e
r
r
u
C
C
D
o
i
t
a
R
I
D
E
L
,
A
m
0
5
=
,
V
k
0
1
=
R
V
N
I
M
%
4
6
0
.
0N
I
M
%
2
3
.
0N
I
M
%
8
3
.
0
t
N
O
)
l
a
c
i
p
y
T
(
=s
µ
2
t
F
F
O
)
l
a
c
i
p
y
T
(
=s
µ
2


Similar Part No. - OC100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
Opto Coupler
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
122Kb / 2P
Opto Coupler
logo
Lumins Inc.
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
logo
NXP Semiconductors
OC1005 NXP-OC1005 Datasheet
88Kb / 12P
N-channel TrenchMOS standard level FET
Rev. 02-10 December 2007
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
Opto Coupler
More results

Similar Description - OC100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
logo
List of Unclassifed Man...
Z25S ETC-Z25S Datasheet
45Kb / 2P
AXIAL LEADED EPOXY MOLDED
logo
Voltage Multipliers Inc...
K25F VMI-K25F_13 Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
K25S VMI-K25S_13 Datasheet
101Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
K25UF VMI-K25UF_13 Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
OC025 VMI-OC025 Datasheet
161Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
OC150G VMI-OC150G Datasheet
177Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
logo
Vishay Siliconix
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com