Electronic Components Datasheet Search
  English  ▼

X  

OC250 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # OC250
Description  Opto Coupler ??Epoxy Molded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

OC250 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  OC250 Datasheet HTML 1Page - Voltage Multipliers Inc. OC250 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
68
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
VOLTAGE MULTIPLIERS INC.
OC 250
ELECTRICAL CHARACTERISTICS
LED
• Forward Voltage (If = 100 mA)
9.0 V
• Reverse Leakage Current
10nA
VR = 20 V
Photodiode
• Foward Voltage (If = 0.6 A)
36 V MAX
• Reverse Leakage Current
VR = 25 kV, I
LED = 0 mA
250 nA Typical
VR = 25 kV, I
LED = 100 mA
100 µA Typical
Coupled
• DC Current Transfer Ratio
0.068%
(I
LED = 50 mA, VR = 25 kV)
• T
ON
2 µs
• T
OFF
2 µs
(25°C UNLESS OTHERWISE NOTED)
LED
• Forward DC Current
100 mA
• Surge Current
2.5 A
• Reverse Voltage
20 V
• Power Dissipation (25°C)
1.0 W
Photodiode
• Reverse Voltage
25,000 V
• Power Dissipation
2.5 W
• Storage Temperature
-40°C to +125°C
• Operating Temperature
-40°C to +100°C
• Isolation Test Voltage
25 kV (Pins 1 and 2 to -
Pins 3 and 4)
ABSOLUTE MAXIMUM RATINGS
Tolerance:
.XX
±.020
.XXX ±.010
Simplified Circuit Schematic
Opto Coupler • Epoxy Molded


Similar Part No. - OC250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
Opto Coupler
logo
Voltage Multipliers Inc...
OC250 VMI-OC250 Datasheet
200Kb / 2P
Opto Coupler
More results

Similar Description - OC250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
Opto Coupler
logo
Central Semiconductor C...
CQ92B CENTRAL-CQ92B Datasheet
71Kb / 2P
epoxy molded silicon Triacs
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
Opto Coupler
OC250 VMI-OC250 Datasheet
200Kb / 2P
Opto Coupler
logo
Linear Technology
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
logo
COSMO Electronics Corp...
G2A241000 COSMO-G2A241000 Datasheet
130Kb / 1P
Molded epoxy body.
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
Secondary-Side Opto-Coupler Driver
logo
Isahaya Electronics Cor...
M57159L-01R ISAHAYA-M57159L-01R Datasheet
313Kb / 7P
Built-in high CMR opto-coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com