Electronic Components Datasheet Search
  English  ▼

X  

SMF6533HT Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # SMF6533HT
Description  High Voltage Diodes - Surface Mount 0.05A l 70ns
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SMF6533HT Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  SMF6533HT Datasheet HTML 1Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Voltage Diodes - Surface Mount
Original Released: 05-21-15
0.05A l 70ns
Tolerance:
.XXX ±.005(.13)
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part
Number
Working
Reverse
Voltage
(Vrwm)
Average
Rectified
Current
(Io)
Reverse
Current
@ Vrwm
(Ir)
Forward
Voltage
(Vf)
1 Cycle
Surge
Current
tp=8.3ms
(Ifsm)
Repetitive
Surge
Current
(Ifrm)
Reverse
Recovery
Time
(3)
(Trr)
Thermal
Impd.
u
J-L
Junction
Cap.
@50VDC
@ 1kHZ
(Cj)
(Vrwm)
2.5 kV
55°C(1)
100°C(2)
25°C
175°C
25°C
25°C
25°C
25°C
25°C
25°C
Volts
Amps
Amps
µA
µA
Volts
Amps
Amps
Amps
ns
°C/W
pF
SMF6533HT
5000
0.050
0.025
0.1
10.0
9.0
0.025
4.0
0.80
70
20
1.0
(1)TL=55°C (2)TL=100°C (3)If=12.5mA, Ir=25.0mA, Irr=6.3mA *Op.Temp. -65°C to +175°C Stg.Temp. -65°C to +200°C


Similar Part No. - SMF6533HT

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SMF6533 VMI-SMF6533 Datasheet
68Kb / 1P
2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
SMF6533 VMI-SMF6533 Datasheet
366Kb / 1P
High Voltage Diodes - Surface Mount 50mA - 250mA l 70ns
More results

Similar Description - SMF6533HT

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1N6515US VMI-1N6515US Datasheet
340Kb / 1P
High Voltage Diodes - Surface Mount 2.0A - 3.5A l 70ns l Hermetic l JANTX l JANTXV
1N6523U VMI-1N6523U Datasheet
344Kb / 1P
High Voltage Diodes - Surface Mount 150mA - 250mA l 70ns l Hermetic
SMF6529 VMI-SMF6529_15 Datasheet
366Kb / 1P
High Voltage Diodes - Surface Mount 50mA - 250mA l 70ns
SMF6531HT VMI-SMF6531HT Datasheet
138Kb / 1P
High Voltage Diodes - Surface Mount 0.10A l 70ns
SXF20FF3 VMI-SXF20FF3 Datasheet
137Kb / 1P
High Voltage Diodes - Surface Mount 0.42A l 30ns
SXF20FF3HT VMI-SXF20FF3HT Datasheet
149Kb / 1P
High Voltage Diodes - Surface Mount 0.42A l 30ns
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
SXF6521 VMI-SXF6521_13 Datasheet
134Kb / 2P
High Voltage Diodes - Surface Mount 150mA - 500mA ??70ns
logo
GETAI ELECTRONICS DEVIC...
SP5L GETEDZ-SP5L_17 Datasheet
534Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
SP5LG GETEDZ-SP5LG_17 Datasheet
554Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com