Electronic Components Datasheet Search
  English  ▼

X  

SPJ100F Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # SPJ100F
Description  High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SPJ100F Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  SPJ100F Datasheet HTML 1Page - Voltage Multipliers Inc. SPJ100F Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
73
8
0
10
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
0.0
0.01
0.02
0.03
0.04
0.05
0.06
25
50
75
100
125
150
0.1
1
10
100
1000
25
50
75
100
125
150
Ambient Temperature (°C)
Forward Current (A)
Temperature (°C)
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
SPJ100F SPJ200F SPJ300F SPJ400F
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
SPJ400F
SPJ300F
SPJ200F
SPJ100F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com