Electronic Components Datasheet Search
  English  ▼

X  

SXF6521 Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # SXF6521
Description  High Voltage Diodes - Surface Mount 150mA - 500mA ??70ns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SXF6521 Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  SXF6521 Datasheet HTML 1Page - Voltage Multipliers Inc. SXF6521 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
1
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
0
0.5
1
1.5
2
0.1
1
10
100
1000
25
50
75
100
125
150
0
50
100
150
200
250
25
50
75
100
125
150
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
0
20
40
60
80
100
Lead Temperature (°C)
Forward Current (A)
Temperature (°C)
Reverse Bias Voltage (V)
Temperature (°C)
Forward Current (A)
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
SXF6521 SXF6523 SXF6525
SXF6521
SXF6521
SXF6523
SXF6525
SXF6523
SXF6525



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com