Electronic Components Datasheet Search
  English  ▼

X  

X20FF3 Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # X20FF3
Description  High Voltage Diodes - Axial Lead 50mA - 420mA ??30ns - 50ns ??Hermetic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

X20FF3 Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  X20FF3 Datasheet HTML 1Page - Voltage Multipliers Inc. X20FF3 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
3
0
5
10
15
20
25
0
0.5
1
1.5
2
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
1
10
100
1000
25
50
75
100
125
150
0
20
40
60
80
100
120
140
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0
20
40
60
80
100
Lead Temperature (°C)
Forward Current (A)
Temperature (°C)
Reverse Bias Voltage (V)
Temperature (°C)
Forward Current (A)
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
X20FF3/5 X50FF3/5 X100FF3/5 X150FF3/5
L=0.200"
L=0.100"
L=0.000"
L=0.300"
L=0.400"
L=0.500"
X50FF3/5
X20FF3/5
X50FF3/5
X100FF3/5
X150FF3/5
X20FF3/5
X150FF3/5
X100FF3/5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com