Electronic Components Datasheet Search
  English  ▼

X  

BM6207FS Datasheet(PDF) 21 Page - Rohm

Part # BM6207FS
Description  Bootstrap operation by floating high side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6207FS Datasheet(HTML) 21 Page - Rohm

Back Button BM6207FS Datasheet HTML 17Page - Rohm BM6207FS Datasheet HTML 18Page - Rohm BM6207FS Datasheet HTML 19Page - Rohm BM6207FS Datasheet HTML 20Page - Rohm BM6207FS Datasheet HTML 21Page - Rohm BM6207FS Datasheet HTML 22Page - Rohm BM6207FS Datasheet HTML 23Page - Rohm BM6207FS Datasheet HTML 24Page - Rohm BM6207FS Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/27
Datasheet
Datasheet
BM6207FS
TSZ02201-0828AB400210-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Dec.2014 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Application Example
Figure 47. Application Example (150° Commutation Driver)
Parts List
Parts
Value
Manufacturer
Type
Parts
Value
Ratings
Type
IC1
-
ROHM
BM6207FS
C1
0.1µF
50V
Ceramic
R1
1kΩ
ROHM
MCR18EZPF1001
C2
2200pF
50V
Ceramic
R2
150Ω
ROHM
MCR18EZPJ151
C3
2200pF
50V
Ceramic
R3
150Ω
ROHM
MCR18EZPJ151
C4
2200pF
50V
Ceramic
R4
20kΩ
ROHM
MCR18EZPF2002
C5
10
µF
50V
Ceramic
R5
51kΩ
ROHM
MCR18EZPF5102
C6
10
µF
50V
Ceramic
R6
100kΩ
ROHM
MCR18EZPF1003
C7
2.2µF
50V
Ceramic
R7
0.5Ω
ROHM
MCR50JZHFL1R50 x 3
C8
2.2µF
50V
Ceramic
R8
10kΩ
ROHM
MCR18EZPF1002
C9
2.2µF
50V
Ceramic
R9
0Ω
ROHM
MCR18EZPJ000
C10
0.1µF
50V
Ceramic
R10
-
-
-
C11
2.2µF
50V
Ceramic
R11
0Ω
ROHM
MCR18EZPJ000
C12
100pF
50V
Ceramic
R12
-
-
-
C13
0.1µF
630V
Ceramic
R13
100kΩ
ROHM
MCR18EZPF1003
C14
0.1µF
50V
Ceramic
Q1
-
ROHM
DTC124EUA
HX
-
-
Hall elements
D1
-
ROHM
KDZ20B
R13
VREG
C14
HU
HV
HW
VSP
FG
VCC
GND
M
VDC
IC1
R1
R2
R4
R8
C1
C2~C4
C7
C8
C9
C12
D1
C11
R9
R10
R11
R12
R5
C10
R6
R3
C5
C13
DTR
Q1
C6
R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com