Electronic Components Datasheet Search
  English  ▼

X  

BM6209FS Datasheet(PDF) 13 Page - Rohm

Part # BM6209FS
Description  Bootstrap operation by floating high side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6209FS Datasheet(HTML) 13 Page - Rohm

Back Button BM6209FS Datasheet HTML 9Page - Rohm BM6209FS Datasheet HTML 10Page - Rohm BM6209FS Datasheet HTML 11Page - Rohm BM6209FS Datasheet HTML 12Page - Rohm BM6209FS Datasheet HTML 13Page - Rohm BM6209FS Datasheet HTML 14Page - Rohm BM6209FS Datasheet HTML 15Page - Rohm BM6209FS Datasheet HTML 16Page - Rohm BM6209FS Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/27
Datasheet
Datasheet
BM6209FS
TSZ02201-0828AB400220-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Dec.2014 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Typical Performance Curves (Reference data)
4
5
6
7
8
9
10
12
14
16
18
20
Supply Voltage : VCC [V]
110°C
25°C
-40°C
Figure 17. Quiescence Current
Figure 18. High Side Driver Operating Current
(High Side Driver, Each Phase)
(FPWM: 20kHz, Each Phase)
Figure 15. Quiscence Current
Figure 16. Low Side Drivers Operating Current
(Low Side Drivers)
(FPWM: 20kHz)
20
40
60
80
100
120
12
14
16
18
20
Supply Voltage : VBX-VX [V]
125°C
25°C
-40°C
200
250
300
350
400
450
12
14
16
18
20
Supply Voltage : VBX-VX [V]
125°C
25°C
-40°C
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
12
14
16
18
20
Supply Voltage : VCC [V]
110°C
25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com