Electronic Components Datasheet Search
  English  ▼

X  

DP52-0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DP52-0002
Description  Low Cost SMT Dual Band Diplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP52-0002 Datasheet(HTML) 2 Page - Tyco Electronics

  DP52-0002 Datasheet HTML 1Page - Tyco Electronics DP52-0002 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Cost SMT Dual Band Diplexer
DP52-0002
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power
Operating Temperature
Storage Temperature
2W CW
-40°C to +85°C
-65°C to 150°C
1. Exceeding these limits may cause permanent damage.
Functional Diagram
Typical Performance @ +25°C
VSWR vs. Frequency
Insertion Loss vs. Frequency
Recommended PCB Configuration
PC S
∅.050 PLATE D
T HRU (2 X )
∅.016 PLATE D
T H RU (14X )
A M P S IN /O U T
A N T E NNA
.0 30 T Y P.
.2 44
.0 72
.0 72
.2 44
.11 3
.0 67
TY P.
C IR C U IT M ATE R IA L : F R -4, .0 16 TH IC K .
HPF
LPF
1
8
4
5
AMPS
IN/OUT
ANTENNA
GND
GND
PCS
IN/OUT
GND
GND
GND
A ll u nu s ed pins m us t be R F an d D C grounded .
P ins 1 an d 4 a re th erm a l g round c ontacts.
0
-5
-10
-15
-20
-25
-30
-35
-40
3
2.75
2.5
2.25
2
1.75
1.5
1.25
1
0
300 600
900
1200 1500 1800 2100 2400
2700 3000
Antenna /
AMPS, GSM
Antenna /
PCS, DCS
AMPS / PCS
GSM/DCS
Antenna
AMPS, GSM
PCS, DCS
FREQUENCY MHz
0
300
600
900
1200
1500 1800
2100
2400
2700
3000
FREQUENCY MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com