Electronic Components Datasheet Search
  English  ▼

X  

2N7002VC-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2N7002VC-7
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002VC-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  2N7002VC-7 Datasheet HTML 1Page - Diodes Incorporated 2N7002VC-7 Datasheet HTML 2Page - Diodes Incorporated 2N7002VC-7 Datasheet HTML 3Page - Diodes Incorporated 2N7002VC-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N7002VC/VAC
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Dual N-Channel MOSFET
•
Low On-Resistance
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Ultra-Small Surface Mount Package
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT563
•
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram (Note 3)
•
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.003 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
2N7002VC-7
SOT563
3000/Tape & Reel
2N7002VAC-7
SOT563
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.htmlfor more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
R
S
T
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT563
Top View
2N7002VC
(ASK Marking Code)
2N7002VAC
(AYK Marking Code)
S
1
D
1
D
2
S
2
G
1
G
2
G
1
D
1
D
2
S
2
S
1
G
2
ASK = 2N7002VC Product Type
Marking Code
YM = Date Code Marking
Y = Year ex: R = 2004
M = Month ex: 9 = September
AYK = 2N7002VAC Product Type
Marking Code
YM = Date Code Marking
Y = Year ex: R = 2004
M = Month ex: 9 = September
ASK YM
S
1
D
2
G
1
D
1
S
2
G
2
AYK YM
S
1
D
2
G
1
D
1
S
2
G
2
2N7002VC/VAC
Document number: DS30639 Rev. 7 - 2
1 of 4
www.diodes.com
August 2014
© Diodes Incorporated


Similar Part No. - 2N7002VC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002VC-7 DIODES-2N7002VC-7 Datasheet
160Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30639 Rev. 3 - 2
2N7002VC-7 DIODES-2N7002VC-7 Datasheet
130Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30639 Rev. 5 - 2
More results

Similar Description - 2N7002VC-7

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com