Electronic Components Datasheet Search
  English  ▼

X  

DMN5L06K Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN5L06K
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06K Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN5L06K Datasheet HTML 1Page - Diodes Incorporated DMN5L06K Datasheet HTML 2Page - Diodes Incorporated DMN5L06K Datasheet HTML 3Page - Diodes Incorporated DMN5L06K Datasheet HTML 4Page - Diodes Incorporated DMN5L06K Datasheet HTML 5Page - Diodes Incorporated DMN5L06K Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN5L06K
Document number: DS30929 Rev. 8 - 2
4 of 6
www.diodes.com
March 2014
© Diodes Incorporated
DMN5L06K
T , AMBIENT TEMPERATURE ( C)
Fig. 7
A
°
Static Drain-Source On-State Resistance
vs. Ambient Temperature
1
I , DRAIN CURRENT (A)
D
Fig.10 Forward Transfer Admittance vs. Drain Current
0
50
100
150
250
300
350
400
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 11 Derating Curve - Total
A
°
0
10
20
30
40
50
60
0
5
10
15
20
25
30
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 Typical Junction Capacitance
Ciss
f = 1MHz
Coss
Crss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com