Electronic Components Datasheet Search
  English  ▼

X  

LTC3610 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3610
Description  24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3610 Datasheet HTML 2Page - Linear Technology LTC3610 Datasheet HTML 3Page - Linear Technology LTC3610 Datasheet HTML 4Page - Linear Technology LTC3610 Datasheet HTML 5Page - Linear Technology LTC3610 Datasheet HTML 6Page - Linear Technology LTC3610 Datasheet HTML 7Page - Linear Technology LTC3610 Datasheet HTML 8Page - Linear Technology LTC3610 Datasheet HTML 9Page - Linear Technology LTC3610 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3610

3610ff
TEMPERATURE (°C)
–50 –25
0
4
10
0
50
75
3610 G24
2
8
6
25
100 125
TEMPERATURE (°C)
–50 –25
–2
0
3
0
50
75
3610 G25
–1
2
1
25
100 125
PULL-UP CURRENT
PULL-DOWN CURRENT
TEMPERATURE (°C)
–50 –25
1.0
1.4
2.0
0
50
75
3610 G20
1.2
1.8
1.6
25
100 125
INPUT VOLTAGE (V)
0
800
1000
1400
1200
15
25
3610 G21
600
400
5
10
20
30
200
0
30
25
15
5
40
35
20
10
0
EXTVCC OPEN
EXTVCC = 5V
SHUTDOWN
INTVCC LOAD CURRENT (mA)
0
0.10
0.20
0.30
40
3610 G22
0
–0.20
–0.10
–0.40
–0.30
10
20
30
50
typical perForMance characteristics
ErrorAmplifiergmvsTemperature
InputandShutdownCurrents
vsInputVoltage
INTVCCLoadRegulation
EXTVCCSwitchResistance
vsTemperature
IEXTVCCvsFrequency
RUN/SSPinCurrent
vsTemperature
RUN/SSPinCurrent
vsTemperature
UndervoltageLockoutThreshold
vsTemperature
TEMPERATURE (°C)
–50
3.0
3.5
4.0
4.5
5.0
–25
0
25
50
3610 G26
75
100 125
LATCHOFF ENABLE
LATCHOFF THRESHOLD
TEMPERATURE (°C)
–50
2.0
2.5
3.0
3.5
4.0
–25
0
25
50
3610 G27
75
100 125
TEMPERATURE (°C)
–50
0.58
0.59
0.60
0.61
0.62
–25
0
25
50
3610 G19
75
100 125
FeedbackReferenceVoltage
vsTemperature
FREQUENCY (kHz)
400
15
20
25
700
900
3610 G23
10
5
500
600
800
1000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com