Electronic Components Datasheet Search
  English  ▼

X  

BU90T82 Datasheet(PDF) 7 Page - Rohm

Part # BU90T82
Description  Support clock frequency from 10MHz up to 174MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU90T82 Datasheet(HTML) 7 Page - Rohm

Back Button BU90T82 Datasheet HTML 3Page - Rohm BU90T82 Datasheet HTML 4Page - Rohm BU90T82 Datasheet HTML 5Page - Rohm BU90T82 Datasheet HTML 6Page - Rohm BU90T82 Datasheet HTML 7Page - Rohm BU90T82 Datasheet HTML 8Page - Rohm BU90T82 Datasheet HTML 9Page - Rohm BU90T82 Datasheet HTML 10Page - Rohm BU90T82 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Datasheet
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
7/25
TSZ02201-0L2L0H500270-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
23.Mar.2015 Rev.002
TSZ22111 • 14 • 001
www.rohm.com
BU90T82
AC Characteristics
Table 3. Switching Characteristics(VDDIO=2.5V, VDD=1.8V, Ta=25℃, RL=100Ω, CL=5pF)
Symbol
Parameter
Limits
Units
Min
Typ
Max
tTCP
Input CLK Period (Figure-4,5)
5.75
-
100
ns
tTCH
CLK IN High Time (Figure -4,5)
0.35tTCP
0.5tTCP
0.65tTCP
ns
tTCL
CLK IN Low Time (Figure -4,5)
0.35tTCP
0.5tTCP
0.65tTCP
ns
tTS
LVCMOS Data Set up to CLK IN (Figure -4,5)
0.8
-
-
ns
tTH
LVCMOS Data Hold from CLK IN (Figure -4,5)
0.8
-
-
ns
tLVT
LVDS Transition Time (Figure -3)
-
0.6
1.5
ns
tTCOP
CLK OUT Period (Figure -6)
5.75
-
100
ns
TTSUP
Differential Output
Setup Time
CLKOUT=174MHz
-
-
120
ps
TTHLD
Differential Output
Hold time
CLKOUT=174MHz
-
-
120
ps
tTCD
CLK IN to TCLK+/- Delay
(Figure-4,5)
MODE=L,DDRN=H
3.5tTCP
-
9.5tTCP
ns
Others
6.5tTCP
-
12.5tTCP
ns
tTOP6
Output Data Position 6 (Figure -6)
2
7
tTCP
- TTHLD
2
7
tTCP
2
7
tTCP
+ TTSUP
ns
tTOP5
Output Data Position 5 (Figure -6)
3
7
tTCP
- TTHLD
3
7
tTCP
3
7
tTCP
+ TTSUP
ns
tTOP4
Output Data Position 4 (Figure -6)
4
7
tTCP
- TTHLD
4
7
tTCP
4
7
tTCP
+ TTSUP
ns
tTOP3
Output Data Position 3 (Figure -6)
5
7
tTCP
- TTHLD
5
7
tTCP
5
7
tTCP
+ TTSUP
ns
tTOP2
Output Data Position 2 (Figure -6)
6
7
tTCP
- TTHLD
6
7
tTCP
6
7
tTCP
+ TTSUP
ns
tTOP1
Output Data Position 1 (Figure -6)
7
7
tTCP
- TTHLD
7
7
tTCP
7
7
tTCP
+ TTSUP
ns
tTOP0
Output Data Position 0 (Figure -6)
8
7
tTCP
- TTHLD
8
7
tTCP
8
7
tTCP
+ TTSUP
ns
tTPLL
Phase Locked Loop Set Time (Figure -7)
-
-
10
ms
tDEINT
DE input Period (Figure –10)
4tTCP
tTCP*(2n)
(Note2)
-
ns
tDEH
DE High time (Figure -10)
2tTCP
tTCP*(2m)
(Note2)
-
ns
tDEL
DE Low time (Figure -10)
2tTCP
-
-
ns
(Note2) m, n= integer、refer to Figure 10 (DE Input Timing Diagrams)
AC Timing Diagrams
Vdiff=(Tyx+)-(Tyx-)
Tyx+
Tyx-
CL
RL
LVDS Output
Load
80%
80%
20%
20%
tLVT
tLVT
Vdiff
x=1, 2
y=A,B,C,D,CLK
LVDS Output
Figure 3. LVDS Output AC Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com