Electronic Components Datasheet Search
  English  ▼

X  

QH8MA3 Datasheet(PDF) 2 Page - Rohm

Part # QH8MA3
Description  Small Surface Mount Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QH8MA3 Datasheet(HTML) 2 Page - Rohm

  QH8MA3 Datasheet HTML 1Page - Rohm QH8MA3 Datasheet HTML 2Page - Rohm QH8MA3 Datasheet HTML 3Page - Rohm QH8MA3 Datasheet HTML 4Page - Rohm QH8MA3 Datasheet HTML 5Page - Rohm QH8MA3 Datasheet HTML 6Page - Rohm QH8MA3 Datasheet HTML 7Page - Rohm QH8MA3 Datasheet HTML 8Page - Rohm QH8MA3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
QH8MA3
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA*3
-
83.3
-
℃/W
l
lElectrical characteristics (Ta = 25°C) , unless otherwise specified
Parameter
Symbol Type
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS
Tr1
VGS = 0V, ID = 1mA
30
-
-
V
Tr2
VGS = 0V, ID = -1mA
-30
-
-
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS  Tr1 ID = 1mA, referenced to 25℃
-
21
-
mV/℃
   ΔTj     Tr2 ID = -1mA, referenced to 25℃
-
-22
-
Zero gate voltage
drain current
IDSS
Tr1
VDS = 30V, VGS = 0V
-
-
1
μA
Tr2
VDS = -30V, VGS = 0V
-
-
-1
Gate - Source
leakage current
IGSS
Tr1
VDS = 0V, VGS = ±20V
-
-
±100
nA
Tr2
VDS = 0V, VGS = ±20V
-
-
±100
Gate threshold
voltage
VGS(th)
Tr1
VDS = VGS, ID = 1mA
1.0
-
2.5
V
Tr2
VDS = VGS, ID = -1mA
-1.0
-
-2.5
Gate threshold voltage
temperature coefficient
 ΔVGS(th)   Tr1 ID = 1mA, referenced to 25℃
-
-3
-
mV/℃
   ΔTj     Tr2 ID = -1mA, referenced to 25℃
-
2.9
-
Static drain - source
on - state resistance
RDS(on)*5
Tr1
VGS = 10V, ID = 7.0A
-
22
29
mΩ
VGS = 4.5V, ID = 5.0A
-
35
46
Tr2
VGS = -10V, ID = -5.5A
-
37
48
VGS = -4.5V, ID = -4.0A
-
55
72
Transconductance
gfs*5
Tr1
VDS = 5V, ID = 5A
2.7
-
-
S
Tr2
VDS = -5V, ID = -4A
3.3
-
-
*1 Pw ≦ 1s, Limited only by maximum temperature allowed.
*2 Pw ≦ 10μs, Duty cycle ≦ 1%
*3 MOUNTED ON A CERAMIC BOARD
*4 Tr1: L ⋍ 100μH, VDD = 15V, RG = 25Ω, STARTING Tch = 25℃ Fig.3-1,3-2
Tr2: L ⋍ 100μH, VDD = -15V, RG = 25Ω, STARTING Tch = 25℃ Fig.6-1,6-2
*5 Pulsed
                                                 
 
                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/19
20150210 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com