Electronic Components Datasheet Search
  English  ▼

X  

CDM4-650 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CDM4-650
Description  SURFACE MOUNT SILICON N-CHANNEL MEDIUM POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CDM4-650 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CDM4-650 Datasheet HTML 1Page - Central Semiconductor Corp CDM4-650 Datasheet HTML 2Page - Central Semiconductor Corp CDM4-650 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDM4-650
SURFACE MOUNT SILICON
N-CHANNEL
MEDIUM POWER MOSFET
4.0 AMP, 650 VOLT
DPAK CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Gate
2) Drain
3) Source
4) Drain
Pin 2 is common to the tab (4)
MARKING: FULL PART NUMBER
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
UNITS
Qg(tot)
VDS=520V, VGS=10V, ID=4.0A (Note 2)
11.4
nC
Qgs
VDS=520V, VGS=10V, ID=4.0A (Note 2)
3.0
nC
Qgd
VDS=520V, VGS=10V, ID=4.0A (Note 2)
4.7
nC
td
VDD=325V, ID=4.0A, RG=25Ω (Note 2)
9.0
ns
tr
VDD=325V, ID=4.0A, RG=25Ω (Note 2)
23
ns
ts
VDD=325V, ID=4.0A, RG=25Ω (Note 2)
23
ns
tf
VDD=325V, ID=4.0A, RG=25Ω (Note 2)
21
ns
trr
VGS=0, IS=4.0A, di/dt=100A/μs (Note 2)
266
ns
Qrr
VGS=0, IS=4.0A, di/dt=100A/μs (Note 2)
2.24
μC
Notes: (2) Pulse Width < 300μs, Duty Cycle < 2%
www.centr a lsemi.com
R3 (2-July 2014)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com