Electronic Components Datasheet Search
  English  ▼

X  

DS-331 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS-331
Description  Two-Way Power Divider 750 - 1500 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS-331 Datasheet(HTML) 1 Page - Tyco Electronics

  DS-331 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-37
Two-Way Power Divider
750 - 1500 MHz
DS-331
V2.00
Features
2° dB Phase Balance Typical
20 dB Typical Midband Isolation
1.5:1 Typical Midband VSWR, Input
Guaranteed Specifications* (From -55°C to +85°C)
Frequency Range
750 - 1500 MHz
Insertion Loss (Less coupling)
0.4 dB Max
Isolation
10 dB Min
Amplitude Balance
0.2 dB Max
Phase Balance
6° Max
VSWR (All Ports)
Input
1.7:1 Max
Output
1.3:1 Max
Operating Characteristics
Impedance
50 Ohms Nominal
Maximum Power Rating
or Input Power
1 Watt Max
Internal Load Dissipation
0.1 Watt Max
Environmental
MIL-STD-202 available.
Pin Configuration
;P5
Output C; P9, Output D; P1
Pins P2, P4, P6 & P8 are ground.
*All specifications apply with 50 ohm source and load impedance.
Ordering Information
Part No.
Package
DS-331
TO-8-2
Typical Performance
q
q
q
Bottom of Case is AC Ground
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
INSERTION LOSS
ISOLATION
VSWR
TO-8-2


Similar Part No. - DS-331

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-331 MA-COM-DS-331 Datasheet
105Kb / 2P
Two-Way Power Divider, 750 - 1500 MHz
DS-331 MA-COM-DS-331 Datasheet
105Kb / 2P
Two-Way Power Divider
DS-331PIN MA-COM-DS-331PIN Datasheet
105Kb / 2P
Two-Way Power Divider, 750 - 1500 MHz
More results

Similar Description - DS-331

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-109319 MACOM-DS-109319 Datasheet
80Kb / 2P
Two-Way Power Divider 10 - 500 MHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
Two-Way Power Divider 10 - 2000 MHz
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
Two-Way Power Divider 10 - 500 MHz
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
Two-Way Power Divider, 10 - 500 MHz
DS-331 MA-COM-DS-331 Datasheet
105Kb / 2P
Two-Way Power Divider, 750 - 1500 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider, 10 - 1000 MHz
DS-DSS-113 MA-COM-DS-DSS-113 Datasheet
94Kb / 3P
Two-Way Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com